Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 34 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 30Page - Linear Technology LTM4675 Datasheet HTML 31Page - Linear Technology LTM4675 Datasheet HTML 32Page - Linear Technology LTM4675 Datasheet HTML 33Page - Linear Technology LTM4675 Datasheet HTML 34Page - Linear Technology LTM4675 Datasheet HTML 35Page - Linear Technology LTM4675 Datasheet HTML 36Page - Linear Technology LTM4675 Datasheet HTML 37Page - Linear Technology LTM4675 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
LTC3884/LTC3884-1
34
3884fe
For more information www.linear.com/LTC3884
OPERATION
TON_MAX_FAULT_LIMIT should be set longer than the
TON_RISE time. It is recommended TON_MAX_FAULT_
LIMIT always be set to a non-zero value, otherwise the
output may never come up and no flag will be set to the
user. See Table 11.
RESPONSES TO VIN OV FAULTS
VIN overvoltage is measured with the ADC. The response
is naturally deglitched by the 90ms typical response time
of the ADC. The fault responses are:
n
Ignore
n
Shut Down Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
IntervalSpecifiedinMFR_RETRY_DELAY.SeeTable 11.
RESPONSES TO OT/UT FAULTS
Internal Overtemperature Fault Response
An internal temperature sensor protects against NVM
damage.Above85°C,nowritestoNVMarerecommended.
Above130°C,theinternalovertemperaturewarnthreshold
is exceeded and the part disables the NVM and does not re-
enable until the temperature has dropped to 125°C. When
thedietemperatureexceed160°Ctheinternaltemperature
fault response is enabled and the PWM is disabled until
the die temperature drops below 150°C. Temperature is
measured by the ADC. Internal temperature faults cannot
be ignored. Internal temperature limits cannot be adjusted
by the user. See Table 10.
External Overtemperature and Undertemperature
Fault Response
Two external temperature sensors can be used to sense
the temperature of critical circuit elements like inductors
and power MOSFETs. The OT_FAULT_ RESPONSE and
UT_FAULT_ RESPOSE commands are used to determine
theappropriateresponsetoanovertemperatureandunder
temperature condition, respectively. If no external sense
elementsareused(notrecommended)settheUT_FAULT_
RESPONSE to ignore and set the UT_FAULT_LIMIT to
–275°C. The fault responses are:
n
Ignore
n
Shut Down Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY. See Table 9.
RESPONSES TO INPUT OVERCURRENT AND OUTPUT
UNDERCURRENT FAULTS
Input overcurrent and output undercurrent are measured
with the ADC. The fault responses are:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the Time
Interval Specified in MFR_RETRY_DELAY
See Table 11.
RESPONSES TO EXTERNAL FAULTS
When either FAULTn pin is pulled low, the OTHER bit is
set in the STATUS_WORD command, the appropriate bit
is set in the STATUS_MFR_SPECIFIC command, and the
ALERT pin is pulled low. Responses are not deglitched.
Each channel can be configured to ignore or shut down
then retry in response to its FAULTn pin going low by
modifying the MFR_FAULT_RESPONSE command. To
avoid the ALERT pin asserting low when FAULT is pulled
low, assert bit 1 of MFR_CHAN_CONFIG, or mask the
ALERT using the SMBALERT_MASK command.
FAULT LOGGING
The LTC3884 has fault logging capability. Data is logged
into memory in the order shown in Table 13. The data is
stored in a continuously updated buffer in RAM. When a
fault event occurs, the fault log buffer is copied from the
RAM buffer into NVM. Fault logging is allowed at tem-
peratures above 85°C; however, retention of 10 years is
not guaranteed. When the die temperature exceeds 130°C
the fault logging is delayed until the die temperature drops
below 125°C. The fault log data remains in NVM until a
MFR_FAULT _LOG_CLEAR command is issued. Issuing
this command re-enables the fault log feature. Before



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com