Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 3Page - Linear Technology LTM4675 Datasheet HTML 4Page - Linear Technology LTM4675 Datasheet HTML 5Page - Linear Technology LTM4675 Datasheet HTML 6Page - Linear Technology LTM4675 Datasheet HTML 7Page - Linear Technology LTM4675 Datasheet HTML 8Page - Linear Technology LTM4675 Datasheet HTML 9Page - Linear Technology LTM4675 Datasheet HTML 10Page - Linear Technology LTM4675 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
LTC3884/LTC3884-1
7
3884fe
For more information www.linear.com/LTC3884
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VIN = 12V, EXTVCC = 0V, VRUN0,1 = 3.3V,
fSYNC = 500kHz (externally driven) and all programmable parameters at factory default, unless otherwise specified.
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
BG RDOWN
BG Pull-Down RDS(ON)
BG Low
1.1
Ω
TG
tr
tf
TG Transition Time:
Rise Time
Fall Time
(Note 4)
CLOAD = 3300pF
CLOAD = 3300pF
30
30
ns
ns
BG
tr
tf
BG Transition Time:
Rise Time
Fall Time
(Note 4)
CLOAD = 3300pF
CLOAD = 3300pF
30
30
ns
ns
TG/BG, t1D
Top Gate Off to Bottom Gate on
Delay Time
(Note 4) CLOAD = 3300pF at Each Driver
30
ns
BG/TG t2D
Bottom Gate Off to Top Gate on
Delay Time
(Note 4) CLOAD = 3300pF at Each Driver
30
ns
tON(MIN)
Minimum On-Time
60
ns
PWM0/PWM1 Outputs (LTC3884-1)
PWM
PWM Output High Voltage
PWM Output Low Voltage
PWM Output in Hi-Z State
ILOAD = 500µA
ILOAD = –500µA
VCC – 0.2
–5
0.2
5
V
V
µA
OV/UV Output Voltage Supervisor Channel 0/1
N
Resolution
9
Bits
VOUSTPSP_RL LSB Step Size
MFR_PWM_MODE[1] = 1 (Note 13)
5.6
mV
VOUSTPSP_RH LSB Step Size
MFR_PWM_MODE[1] = 0 (Note 13)
11.2
mV
VRANGE_RL
Voltage Monitoring Range
MFR_PWM_MODE[1] = 1
0.5
2.7
V
VRANGE_RH
Voltage Monitoring Range
MFR_PWM_MODE[1] = 0
1
5.6
V
VTHAC0_RL
Threshold Accuracy 1V < VOUT < 2.5V MFR_PWM_MODE[1] = 1
l
±1.5
%
VTHAC1_RH
Threshold Accuracy 2V < VOUT < 5.5V MFR_PWM_MODE[1] = 0
l
±1.5
%
tPROPOV
OV Comparator Response Time
VOD = 10% of Threshold
100
µs
tPROPUV
UV Comparator Response Time
VOD = 10% of Threshold
100
µs
VIN Voltage Supervisor
N
Resolution
9
Bits
VINSTP
LSB Step Size
76
mV
VIN
Full-Scale Voltage
4.5
38
V
VINTHACCM
Threshold Accuracy 9V < VIN < 38V
Threshold Accuracy 4.5V < VIN ≤ 9V
±3
±6.0
%
%
tPROPVIN
Comparator Response Time
(VIN_ON and VIN_OFF)
VOD = 10% of threshold
100
µs
Output Voltage Readback
N
Resolution
16
Bits
VOUTSTP
LSB Step Size
244
µV
VF/S
Full-Scale Sense Voltage
VRUNn = 0 (Note 8)
8
V
VOUT_TUE
Total Unadjusted Error
VOUT > 0.6V (Note 8)
l
–0.5
0.5
%
VOS
Zero-Code Offset Voltage
±500
µV
tCONVERT
Update Rate
(Note 6)
90
ms
VIN Voltage Readback
N
Resolution
(Note 5)
10
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com