Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 28Page - Linear Technology LTM4675 Datasheet HTML 29Page - Linear Technology LTM4675 Datasheet HTML 30Page - Linear Technology LTM4675 Datasheet HTML 31Page - Linear Technology LTM4675 Datasheet HTML 32Page - Linear Technology LTM4675 Datasheet HTML 33Page - Linear Technology LTM4675 Datasheet HTML 34Page - Linear Technology LTM4675 Datasheet HTML 35Page - Linear Technology LTM4675 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
LTC3884/LTC3884-1
32
3884fe
For more information www.linear.com/LTC3884
OPERATION
occurred. The user is cautioned to disable both output
power supply rails associated with this specific part.
There are no provisions for field repair of NVM faults in
the manufacturing section.
SERIAL INTERFACE
The LTC3884 serial interface is a PMBus compliant slave
device and can operate at any frequency between 10kHz
and 400kHz. The address is configurable using either the
NVMoranexternalresistordivider.InadditiontheLTC3884
always responds to the global broadcast address of 0x5A
(7 bit) or 0x5B (7 bit).
The serial interface supports the following protocols de-
fined in the PMBus specifications: 1) send command, 2)
write byte, 3) write word, 4) group, 5) read byte, 6) read
word and 7) read block. 8) write block. All read operations
will return a valid PEC if the PMBus master requests it. If
the PEC_REQUIRED bit is set in the MFR_CONFIG_ALL
command, the PMBus write operations will not be acted
upon until a valid PEC has been received by the LTC3884.
Communication Protection
PEC write errors (if PEC_REQUIRED is active), attempts
to access unsupported commands, or writing invalid data
to supported commands will result in a CML fault. The
CML bit is set in the STATUS_BYTE and STATUS_WORD
commands, the appropriate bit is set in the STATUS_CML
command, and the ALERT pin is pulled low.
DEVICE ADDRESSING
The LTC3884 offers five different types of addressing over
the PMBus interface, specifically: 1) global, 2) device, 3)
rail addressing and 4) alert response address (ARA).
Global addressing provides a means of the PMBus master
to address all LTC3884 devices on the bus. The LTC3884
global address is fixed 0x5A (7 bit) or 0xB4 (8 bit) and
cannot be disabled. Commands sent to the global address
act the same as if PAGE is set to a value of 0xFF. Com-
mands sent are written to both channels simultaneously.
Global command 0x5B (7 bit) or 0xB6 (8 bit) is paged and
allows channel specific command of all LTC3884 devices
on the bus. Other ADI device types may respond at one
or both of these global addresses. Reading from global
addresses is strongly discouraged.
Device addressing provides the standard means of the
PMBus master communicating with a single instance of
an LTC3884. The value of the device address is set by a
combination of the ASEL0 and ASEL1 configuration pins
andtheMFR_ADDRESScommand.Whenthisaddressing
meansisused,thePAGEcommanddeterminesthechannel
being acted upon. Device addressing can be disabled by
writing a value of 0x80 to the MFR_ADDRESS.
Rail addressing provides a means for the bus master to
simultaneously communicate with all channels connected
together to produce a single output voltage (PolyPhase).
While similar to global addressing, the rail address can
be dynamically assigned with the paged MFR_RAIL_
ADDRESS command, allowing for any logical grouping of
channelsthatmightberequiredforreliablesystemcontrol.
Reading from rail addresses is also strongly discouraged.
All four means of PMBus addressing require the user to
employ disciplined planning to avoid addressing conflicts.
Communication to LTC3884 devices at global and rail ad-
dresses should be limited to command write operations.
RESPONSES TO VOUT, IIN and IOUT FAULTS
VOUTOVandUVconditionsaremonitoredbycomparators.
The OV and UV limits are set in three ways.
n
As a Percentage of the VOUT if Using the Resistor
Configuration Pins
n
In NVM if Either Programmed at the Factory or Through
the GUI
n
By PMBus Command
The IIN and IOUT overcurrent monitors are performed by
ADC readings and calculations. Thus these values are
based on average currents and can have a time latency
of up to tCONVERT. The IOUT calculation accounts for the
DCR or sense resistor and their temperature coefficient.
The input current is equal to the voltage measured across
the RIINSNS resistor divided by the resistors value as set
with the MFR_RVIN command. If this calculated input
current exceeds the IN_OC_WARN_LIMIT the ALERT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com