Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 27Page - Linear Technology LTM4675 Datasheet HTML 28Page - Linear Technology LTM4675 Datasheet HTML 29Page - Linear Technology LTM4675 Datasheet HTML 30Page - Linear Technology LTM4675 Datasheet HTML 31Page - Linear Technology LTM4675 Datasheet HTML 32Page - Linear Technology LTM4675 Datasheet HTML 33Page - Linear Technology LTM4675 Datasheet HTML 34Page - Linear Technology LTM4675 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
LTC3884/LTC3884-1
31
3884fe
For more information www.linear.com/LTC3884
OPERATION
n
TheLTC3884SuccessfullyTransmitsItsAddressDuring
a PMBus ARA
n
Bias Power Is Cycled
With some exceptions, the SMBALERT_MASK command
can be used to prevent the LTC3884 from asserting
ALERT for bits in these registers on a bit-by-bit basis.
These mask settings are promoted to STATUS_WORD
and STATUS_BYTE in the same fashion as the status bits
themselves. For example, if ALERT is masked for all bits
in Channel 0 STATUS_VOUT, then ALERT is effectively
masked for the VOUT bit in STATUS_WORD for PAGE 0.
The BUSY bit in STATUS_BYTE also asserts ALERT low
and cannot be masked. This bit can be set as a result of
various internal interactions with PMBus communication.
This fault occurs when a command is received that cannot
be safely executed with one or both channels enabled. As
discussed in Application Information, BUSY faults can
be avoided by polling MFR_COMMON before executing
some commands.
If masked faults occur immediately after power up, ALERT
may still be pulled low because there has not been time
to retrieve all of the programmed masking information
from EEPROM.
Status information contained in MFR_COMMON and
MFR_PADS can be used to further debug or clarify the
contents of STATUS_BYTE or STATUS_WORD as shown,
but the contents of these registers do not affect the state
of the ALERT pin and may not directly influence bits in
STATUS_BYTE or STATUS_WORD.
Mapping Faults to FAULT Pins
Channel-to-channelfault(includingchannelsfrommultiple
LTC3884s) dependencies can be created by connecting
FAULTn pins together. In the event of an internal fault, one
or more of the channels is configured to pull the bussed
FAULTn pins low. The other channels are then configured
to shut down when the FAULTn pins are pulled low. For
autonomous group retry, the faulted channel is config-
ured to let go of the FAULT
n pin(s) after a retry interval,
assuming the original fault has cleared. All the channels
in the group then begin a soft-start sequence. If the fault
response is LATCH_OFF, the FAULTn pin remains asserted
low until either the RUN pin is toggled OFF/ON or the part
is commanded OFF/ON. The toggling of the RUN either
by the pin or OFF/ON command will clear faults associ-
ated with the channel. If it is desired to have all faults
cleared when either RUN pin is toggled or, set bit 0 of
MFR_CONFIG_ALL to a 1.
The status of all faults and warnings is summarized in the
STATUS_WORD and STATUS_BYTE commands.
Additional fault detection and handling capabilities are:
Power Good Pins
The PGOODn pins of the LTC3884 are connected to the
open drains of internal MOSFETs. The MOSFETs turn on
and pull the PGOODn pins low when the channel output
voltageisnotwithinthechannel’sUVandOVvoltagethresh-
olds. During TON_DELAY and TON_RISE sequencing, the
PGOOD
n pin is held low. The PGOODn pin is also pulled
low when the respective RUNn pin is low. The PGOODn
pin response is deglitched by an internal 60μs digital filter.
The PGOODn pin and PGOOD status may be different at
times due to communication latency of up to 10µs.
CRC Protection and ECC
TheLTC3884containsinternalEEPROMwitherrorcorrec-
tion coding (ECC) to store user configuration settings and
faultloginformation.EEPROMenduranceandretentionfor
userspaceandfaultlogpagesarespecifiedintheAbsolute
Maximum Ratings and Electrical Characteristics tables.
The integrity of the NVM memory is checked after a power
on reset. A CRC error will prevent the controller from leav-
ing the inactive state. If a CRC error occurs, the CML bit is
setintheSTATUS_BYTEandSTATUS_WORDcommands,
the appropriate bit is set in the STATUS_MFR_SPECIFIC
command, and the ALERT pin will be pulled low. NVM
repair can be attempted by writing the desired configura-
tion to the controller and executing a STORE_USER_ALL
command followed by a CLEAR_FAULTS command.
The LTC3884 manufacturing section of the NVM is mir-
rored. If both copies are corrupted, the “NVM CRC Fault”
in the STATUS_MFR_SPECIFIC command is set. If this bit
remainssetafterbeingclearedbyissuingaCLEAR_FAULTS
or writing a 1 to this bit, an irrecoverable internal fault has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com