Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 5Page - Linear Technology LTM4675 Datasheet HTML 6Page - Linear Technology LTM4675 Datasheet HTML 7Page - Linear Technology LTM4675 Datasheet HTML 8Page - Linear Technology LTM4675 Datasheet HTML 9Page - Linear Technology LTM4675 Datasheet HTML 10Page - Linear Technology LTM4675 Datasheet HTML 11Page - Linear Technology LTM4675 Datasheet HTML 12Page - Linear Technology LTM4675 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
LTC3884/LTC3884-1
9
3884fe
For more information www.linear.com/LTC3884
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VIN = 12V, EXTVCC = 0V, VRUN0,1 = 3.3V,
fSYNC = 500kHz (externally driven) and all programmable parameters at factory default, unless otherwise specified.
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
VIN_THR
VIN Threshold to Enable EXTVCC
Switchover
VIN Rising
7
V
VIN_THF
VIN Threshold to Disable EXTVCC
Switchover
VIN Falling
6.5
V
VDD33 Regulator
VDD33
Internal VDD33 Voltage
4.5V < VINTVCC or 4.8V < VEXTVCC
3.2
3.3
3.4
V
ILIM
VDD33 Current Limit
VDD33 = GND, VIN = INTVCC = 4.5V
100
mA
VDD33_OV
VDD33 Overvoltage Threshold
3.5
V
VDD33_UV
VDD33 Undervoltage Threshold
3.1
V
VDD25 Regulator
VDD25
Internal VDD25 Voltage
2.5
V
ILIM
VDD25 Current Limit
VDD25 = GND, VIN = INTVCC = 4.5V
80
mA
Oscillator and Phase-Locked Loop
fRANGE
PLL SYNC Range
Syncronized with Falling Edge of SYNC
l
200
1000
kHz
fOSC
Oscillator Frequency Accuracy
Frequency Switch = 250.0 to 1000.0 kHz
l
±7.5
%
VTH(SYNC)
SYNC Input Threshold
VSYNC Falling
VSYNC Rising
1
1.5
V
V
VOL(SYNC)
SYNC Low Output Voltage
ILOAD = 3mA
0.2
0.4
V
ILEAK(SYNC)
SYNC Leakage Current in Slave Mode 0V ≤ VPIN ≤ 3.6V
±5
µA
θSYNC-θ0
SYNC to Ch0 Phase Relationship
Based on the Falling Edge of Sync
and Rising Edge of TG0
MFR_PWM_CONFIG[2:0] = 0,2,3
MFR_PWM_CONFIG[2:0] = 5
MFR_PWM_CONFIG[2:0] = 1
MFR_PWM_CONFIG[2:0]= 4,6
0
60
90
120
Deg
Deg
Deg
Deg
θSYNC-θ1
SYNC to Ch1 Phase Relationship
Based on the Falling Edge of Sync
and Rising Edge of TG1
MFR_PWM_CONFIG[2:0] = 3
MFR_PWM_CONFIG[2:0] = 0
MFR_PWM_CONFIG[2:0] = 2,4,5
MFR_PWM_CONFIG[2:0] = 1
MFR_PWM_CONFIG[2:0] = 6
120
180
240
270
300
Deg
Deg
Deg
Deg
Deg
EEPROM Characteristics
Endurance
(Note 12)
0°C < TJ < 85°C EEPROM Write Operations
l
10,000
Cycles
Retention
(Note 12)
TJ < 125°C
l
10
Years
Mass_Write
Mass Write Operation Time
STORE_USER_ALL, 0°C < TJ < 85°C
During EEPROM Write Operation
l
440
4100
ms
Leakage Current SDA, SCL, ALERT, RUN
IOL
Input Leakage Current
OV ≤ VPIN ≤ 5.5V
l
±5
µA
Leakage Current FAULTn, PGOODn
IGL
Input Leakage Current
OV ≤ VPIN ≤ 3.6V
l
±2
µA
Digital Inputs SCL, SDA, RUNn, GPI0n
VIH
Input High Threshold Voltage
l
1.35
V
VIL
Input Low Threshold Voltage
l
0.8
V
VHYST
Input Hysteresis
SCL, SDA
0.08
V
CPIN
Input Capacitance
10
pF
Digital Input WP
IPUWP
Input Pull-Up Current
WP
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com