Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 45 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 45 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 41Page - Linear Technology LTM4675 Datasheet HTML 42Page - Linear Technology LTM4675 Datasheet HTML 43Page - Linear Technology LTM4675 Datasheet HTML 44Page - Linear Technology LTM4675 Datasheet HTML 45Page - Linear Technology LTM4675 Datasheet HTML 46Page - Linear Technology LTM4675 Datasheet HTML 47Page - Linear Technology LTM4675 Datasheet HTML 48Page - Linear Technology LTM4675 Datasheet HTML 49Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
LTC3884/LTC3884-1
45
3884fe
For more information www.linear.com/LTC3884
PMBus COMMAND SUMMARY
*DATA FORMAT
L11 Linear_5s_11s
PMBus data field b[15:0]
Value = Y • 2N
where N = b[15:11] is a 5-bit two’s complement integer and Y = b[10:0] is an 11-bit
two’s complement integer
Example:
For b[15:0] = 0x9807 = ‘b10011_000_0000_0111
Value = 7 • 2–13 = 854 • 10–6
From “PMBus Spec Part II: Paragraph 7.1”
L16 Linear_16u
PMBus data field b[15:0]
Value = Y • 2N
where Y = b[15:0] is an unsigned integer and N = Vout_mode_parameter is a 5-bit two’s
complement exponent that is hardwired to –12 decimal
Example:
For b[15:0] = 0x9800 = ‘b1001_1000_0000_0000
Value = 19456 • 2–12 = 4.75
From “PMBus Spec Part II: Paragraph 8.2”
Reg Register
PMBus data field b[15:0] or b[7:0].
Bit field meaning is defined in detailed PMBus Command Description.
I16
Integer Word
PMBus data field b[15:0]
Value = Y
where Y = b[15:0] is a 16 bit unsigned integer
Example:
For b[15:0] = 0x9807 = ‘b1001_1000_0000_0111
Value = 38919 (decimal)
CF
Custom Format
Value is defined in detailed PMBus Command Description.
This is often an unsigned or two’s complement integer scaled by an MFR specific
constant.
ASC ASCII Format
A variable length string of text characters conforming to ISO/IEC 8859-1 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com