Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 35 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 31Page - Linear Technology LTM4675 Datasheet HTML 32Page - Linear Technology LTM4675 Datasheet HTML 33Page - Linear Technology LTM4675 Datasheet HTML 34Page - Linear Technology LTM4675 Datasheet HTML 35Page - Linear Technology LTM4675 Datasheet HTML 36Page - Linear Technology LTM4675 Datasheet HTML 37Page - Linear Technology LTM4675 Datasheet HTML 38Page - Linear Technology LTM4675 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
LTC3884/LTC3884-1
35
3884fe
For more information www.linear.com/LTC3884
OPERATION
re-enabling fault log, be sure no faults are present and a
CLEAR_FAULTS command has been issued.
When the LTC3884 powers-up or exits its reset state, it
checks the NVM for a valid fault log. If a valid fault log
exists in NVM, the “Valid Fault Log” bit in the STATUS_
MFR_SPECIFIC command will be set and an ALERT event
will be generated. Also, fault logging will be blocked until
the LTC3884 has received a MFR_FAULT_LOG_CLEAR
command before fault logging will be re-enabled.
The information is stored in EEPROM in the event of
any fault that disables the controller on either channel. A
FAULTn being externally pulled low will not trigger a fault
logging event.
BUS TIMEOUT PROTECTION
The LTC3884 implements a timeout feature to avoid per-
sistent faults on the serial interface. The data packet timer
begins at the first START event before the device address
write byte. Data packet information must be completed
within 35ms or the LTC3884 will three-state the bus and
ignorethegivendatapacket.Ifmoretimeisrequired,assert
bit 3 of MFR_CONFIG_ALL to allow typical bus timeouts
of 255ms. Data packet information includes the device
address byte write, command byte, repeat start event
(if a read operation), device address byte read (if a read
operation), all data bytes and the PEC byte if applicable.
TheLTC3884allowslongerPMBustimeoutsforblockread
data packets. This timeout is proportional to the length of
the block read. The additional block read timeout applies
primarily to the MFR_FAULT_LOG command. The timeout
period defaults to 32ms.
Theuserisencouragedtouseashighaclockrateaspossible
tomaintainefficientdatapackettransferbetweenalldevices
sharing the serial bus interface. The LTC3884 supports the
full PMBus frequency range from 10kHz to 400kHz.
SIMILARITY BETWEEN PMBus, SMBus AND I2C
2-WIRE INTERFACE
The PMBus 2-wire interface is an incremental extension
of the SMBus. SMBus is built upon I2C with some minor
differences in timing, DC parameters and protocol. The
PMBus/SMBus protocols are more robust than simple
I2C byte commands because PMBus/SMBus provide
timeouts to prevent persistent bus errors and optional
packet error checking (PEC) to ensure data integrity.
In general, a master device that can be configured for I2C
communication can be used for PMBus communication
with little or no change to hardware or firmware. Repeat
start (restart) is not supported by all I2C controllers but
is required for SMBus/PMBus reads. If a general purpose
I2C controller is used, check that repeat start is supported.
The LTC3884 supports the maximum SMBus clock speed
of 100kHz and is compatible with the higher speed PM-
Bus specification (between 100kHz and 400kHz) if MFR_
COMMONpollingorclockstretchingisenabled.Forrobust
communication and operation refer to the Note section in
thePMBuscommandsummary.Clockstretchingisenabled
by asserting bit 1 of MFR_CONFIG_ALL.
For a description of the minor extensions and exceptions
PMBus makes to SMBus, refer to PMBus Specification
Part 1 Revision 1.2: Paragraph 5: Transport.
For a description of the differences between SMBus and
I2C, refer to System Management Bus (SMBus) Speci-
fication Version 2.0: Appendix B—Differences Between
SMBus and I2C.
PMBus SERIAL DIGITAL INTERFACE
TheLTC3884communicateswithahost(master)usingthe
standardPMBusserialbusinterface.TheTimingDiagram,
Figure 7, shows the timing relationship of the signals on
the bus. The two bus lines, SDA and SCL, must be high
when the bus is not in use. External pull-up resistors or
current sources are required on these lines. The LTC3884
is a slave device. The master can communicate with the
LTC3884 using the following formats:
n
Master Transmitter, Slave Receiver
n
Master Receiver, Slave Transmitter
The following PMBus protocols are supported:
n
Write Byte, Write Word, Send Byte
n
Read Byte, Read Word, Block Read, Block Write
n
Alert Response Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com