Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 21Page - Linear Technology LTM4675 Datasheet HTML 22Page - Linear Technology LTM4675 Datasheet HTML 23Page - Linear Technology LTM4675 Datasheet HTML 24Page - Linear Technology LTM4675 Datasheet HTML 25Page - Linear Technology LTM4675 Datasheet HTML 26Page - Linear Technology LTM4675 Datasheet HTML 27Page - Linear Technology LTM4675 Datasheet HTML 28Page - Linear Technology LTM4675 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
LTC3884/LTC3884-1
25
3884fe
For more information www.linear.com/LTC3884
OPERATION
SWITCHING FREQUENCY AND PHASE
The switching frequency of the PWM can be established
with an internal oscillator or an external time base. The
internal phase-locked loop (PLL) synchronizes PWM
control to this timing reference with proper phase relation,
whether the clock is provided internally or externally. The
device can also be configured to provide the master clock
to other ICs through PMBus command, NVM setting, or
external configuration resistors as outlined in Table 4.
As clock master, the LTC3884 will drive its open-drain SYNC
pinattheselectedratewithapulsewidthof500ns.Anexternal
pull-up resistor between SYNC and VDD33 is required in this
case.OnlyonedeviceconnectedtoSYNCshouldbedesignated
to drive the pin. But if multiple LTC3884s programmed as
clock masters are wired to the same SYNC line with a pull-
up resistor, just one of the devices is automatically elected to
provide clocking, and the others disable their SYNC outputs.
TheLTC3884willautomaticallyreverttoanexternalSYNC
input, disabling its own SYNC, as long as the external
SYNC frequency is greater than 80% of the programmed
SYNC frequency. The external SYNC input shall have a
duty cycle between 20% and 80%.
Whether configured to drive SYNC or not, the LTC3884
can continue PWM operation using its own internal
oscillator if an external clock signal is subsequently lost.
The device can also be programmed to always require
an external oscillator for PWM operation by setting bit
4 of MFR_CONFIG_ALL. The status of the SYNC driver
circuit is indicated by bit 10 of MFR_PADS.
The MFR_PWM_CONFIG command can be used to
configure the phase of each channel. Desired phase
can also be set from EEPROM or external configuration
resistors as outlined in Table 5. Designated phase is
the relationship between the falling edge of SYNC and
the internal clock edge that sets the PWM latch to turn
on the top power switch. Additional small propagation
delays to the PWM control pins will also apply. Both
channels must be off before the FREQUENCY_SWITCH
and MFR_PWM_CONFIG commands can be written to
the LTC3884.
The phase relationships and frequency are independent
of each other, providing numerous application options.
Multiple LTC3884 ICs can be synchronized to realize
a PolyPhase array. In this case the phases should be
separated by 360/n degrees, where n is the number of
phases driving the output voltage rail.
PWM LOOP COMPENSATION
The internal PWM loop compensation resistors RITHn
of the LTC3884 can be adjusted using bit[4:0] of the
MFR_PWM_COMP command.
ThetransconductanceoftheLTC3884PWMerroramplifier
can be adjusted using bit[7:5] of the MFR_PWM_COMP
command. These two loop compensation parameters
can be programmed when device is in operation. Refer
to the Programmable Loop Compensation subsection in
the Applications Information section for further details.
OUTPUT VOLTAGE SENSING
Both channels in LTC3884 have differential amplifiers,
which allow the remote sensing of the load voltage be-
tween VSENSEn+ and VSENSEn– pins. The telemetry ADC is
also fully differential and makes measurements between
VSENSEn+ and VSENSEn– pins respectively. The maximum
allowed sense voltages for both channels is 5.5V.
INTVCC/EXTVCC POWER
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin.
When the EXTVCC pin is shorted to GND or tied to a voltage
less than 4.7V, an internal 5.5V linear regulator supplies
INTVCC power from VIN. If EXTVCC is taken above approxi-
mately 4.7V and VIN is higher than 7.0V, the 5.5V regulator
isturnedoffandaninternalswitchisturnedon,connecting
EXTVCC to INTVCC. Using the EXTVCC allows the INTVCC
power to be derived from a high efficiency external source
such as a switching regulator output.
EXTVCC can provide power to the internal 3.3V linear
regulator even when VIN is not present, which allows the
LTC3884 to be initialized and programmed even without
main power being applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com