Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 4Page - Linear Technology LTM4675 Datasheet HTML 5Page - Linear Technology LTM4675 Datasheet HTML 6Page - Linear Technology LTM4675 Datasheet HTML 7Page - Linear Technology LTM4675 Datasheet HTML 8Page - Linear Technology LTM4675 Datasheet HTML 9Page - Linear Technology LTM4675 Datasheet HTML 10Page - Linear Technology LTM4675 Datasheet HTML 11Page - Linear Technology LTM4675 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
LTC3884/LTC3884-1
8
3884fe
For more information www.linear.com/LTC3884
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VIN = 12V, EXTVCC = 0V, VRUN0,1 = 3.3V,
fSYNC = 500kHz (externally driven) and all programmable parameters at factory default, unless otherwise specified.
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
VF/S
Full-Scale Input Voltage
(Note 11)
43
V
VINTUE
Total Unadjusted Error
VVIN > 4.5V (Note 8)
l
0.5
2
%
%
tCONVERT
Update Rate
(Note 6)
90
ms
Output Current Readback
N
Resolution
(Note 5)
10
Bits
VIOUTSTP
LSB Step Size
0V ≤ |VISENSE+ – VISENSE–| < 16mV
16mV ≤ |VISENSE+ – VISENSE–| < 32mV
32mV ≤ |VISENSE+ – VISENSE–| < 64mV
64mV ≤ |VISENSE+ – VISENSE–| < 128mV
15.63
31.25
62.5
125
µV
µV
µV
µV
IF/S
Full-Scale Input Current
(Note 7) DCR or RISENSE = 1mΩ
±128
A
IOUT_TUE
Total Unadjusted Error
VISENSE+ – VISENSE– > 6mV (Note 8)
l
±1.25
%
VOS
Zero-Code Offset Voltage
±50
µV
tCONVERT
Update Rate
(Note 6)
90
ms
Input Current Readback
N
Resolution
(Note 5)
10
Bits
VIINSTP
LSB Step Size Full-Scale Range = 16mV
LSB Step Size Full-Scale Range = 32mV
LSB Step Size Full-Scale Range = 64mV
Gain = 8, 0V ≤ |VIIN+ – VIIN–| ≤ 5mV
Gain = 4, 0V ≤ |VIIN+ – VIIN–| ≤ 20mV
Gain = 2, 0V ≤ |VIIN+ – VIIN–| ≤ 50mV
15.26
30.52
61
µV
µV
µV
IIN_TUE
Total Unadjusted Error
Gain = 8, 2.5mV ≤ |VIIN+ – VIIN–| VIN = 8V (Note 8)
Gain = 4, 4mV ≤ |VIIN+ – VIIN–| VIN = 8V (Note 8)
Gain = 2, 6mV ≤ |VIIN+ – VIIN–| VIN = 8V (Note 8)
l
l
l
±2
±1.3
±1.2
%
%
%
VOS
Zero-Code Offset Voltage
±50
µV
tCONVERT
Update Rate
(Note 6)
90
ms
Supply Current Readback
N
Resolution
(Note 5)
10
Bits
VICHIPSTP
LSB Step Size Full-Scale Range =
256mV
244
µV
ICHIPTUE
Total Unadjusted Error
|VIIN+ – VIN| ≤ 150mV (Note 19)
l
±3
%
tCONVERT
Update Rate
(Note 6)
90
ms
Temperature Readback (T0, T1)
TRES_T
Resolution
0.25
°C
T0_TUE
External Temperature Total
Unadjusted Readback Error
TSNS0, TSNS1 ≤ 1.85V (Note 8)
MFR_PWM_MODE_[5] = 0
MFR_PWM_MODE_[5] = 1 (Note 14)
–3
–10
3
10
°C
°C
T1_TUE
Internal TSNS TUE
VRUN0,1 = 0.0, fSYNC = 0kHz (Note 8)
±1
°C
tCONVERT
Update Rate
(Note 6)
90
ms
INTVCC Regulator/EXTVCC
VINTVCC
Internal VCC Voltage No Load
6V ≤ VIN ≤ 38V
5.25
5.5
5.75
V
VLDO_INT
INTVCC Load Regulation
ICC = 0mA to 20mA, 6V ≤ VIN ≤ 38V
0.5
±2
%
VEXTVCC
EXTVCC Switchover Voltage
VIN ≥ 7V, EXTVCC Rising
4.5
4.7
V
VLDO_HYS
EXTVCC Hysteresis
290
mV
VLDO_EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5.5V
50
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com