Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 44 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 44 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 40Page - Linear Technology LTM4675 Datasheet HTML 41Page - Linear Technology LTM4675 Datasheet HTML 42Page - Linear Technology LTM4675 Datasheet HTML 43Page - Linear Technology LTM4675 Datasheet HTML 44Page - Linear Technology LTM4675 Datasheet HTML 45Page - Linear Technology LTM4675 Datasheet HTML 46Page - Linear Technology LTM4675 Datasheet HTML 47Page - Linear Technology LTM4675 Datasheet HTML 48Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
LTC3884/LTC3884-1
44
3884fe
For more information www.linear.com/LTC3884
PMBus COMMAND SUMMARY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE PAGE
MFR_FAULT_LOG_
STORE
0xEA Command a transfer of the fault log from RAM
to EEPROM.
Send Byte
N
NA
115
MFR_FAULT_LOG_
CLEAR
0xEC Initialize the EEPROM block reserved for fault
logging.
Send Byte
N
NA
118
MFR_FAULT_LOG
0xEE Fault log data bytes.
R Block
N
Reg
Y
NA
115
MFR_COMMON
0xEF Manufacturer status bits that are common
across multiple ADI chips.
R Byte
N
Reg
NA
108
MFR_COMPARE_USER_
ALL
0xF0 Compares current command contents with
NVM.
Send Byte
N
NA
113
MFR_TEMPERATURE_2_
PEAK
0xF4 Peak internal die temperature since last MFR_
CLEAR_PEAKS.
R Word
N
L11
C
NA
112
MFR_PWM_CONFIG
0xF5 Set numerous parameters for the DC/DC
controller including phasing.
R/W Byte
N
Reg
Y
0x10
80
MFR_IOUT_CAL_GAIN_
TC
0xF6 Temperature coefficient of the current sensing
element.
R/W Word
Y
CF
ppm/
˚C
Y
3900
0x0F3C
85
MFR_RVIN
0xF7 The resistance value of the VIN pin filter element
in mΩ.
R/W Word
N
L11
mΩ
Y
1000
0x03E8
82
MFR_TEMP_1_GAIN
0xF8 Sets the slope of the external temperature
sensor.
R/W Word
Y
CF
Y
1.0
0x4000
88
MFR_TEMP_1_OFFSET
0xF9 Sets the offset of the external temperature
sensor with respect to –273.1°C
R/W Word
Y
L11
C
Y
0.0
0x8000
88
MFR_RAIL_ADDRESS
0xFA Common address for PolyPhase outputs to
adjust common parameters.
R/W Byte
Y
Reg
Y
0x80
75
MFR_REAL_TIME
0xFB 48-bit share-clock counter value.
R Block
N
CF
NA
xx
MFR_RESET
0xFD Commanded reset without requiring a power
down.
Send Byte
N
NA
77
Note 1: Commands indicated with Y in the NVM column indicate that these
commands are stored and restored using the STORE_USER_ALL and
RESTORE_USER_ALL commands, respectively.
Note 2: Commands with a default value of NA indicate “not applicable”.
Commands with a default value of FS indicate “factory set on a per part
basis”.
Note 3: The LTC3884 contains additional commands not listed in this
table. Reading these commands is harmless to the operation of the IC;
however, the contents and meaning of these commands can change
without notice.
Note 4: Some of the unpublished commands are read-only and will
generate a CML bit 6 fault if written.
Note 5: Writing to commands not published in this table is not permitted.
Note 6: The user should not assume compatibility of commands
between different parts based upon command names. Always refer to
the manufacturer’s data sheet for each part for a complete definition of a
command’s function.
ADI strives to keep command functionality compatible between all ADI
devices. Differences may occur to address specific product requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com