Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 10Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 11Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 12Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 13Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 14Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 15Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 16Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 17Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
VCC
SWGND
IC
SW
VREG
3.3 V/5 V
Load
47 µH
10 µF
VCC
SWGND
IC
SW
VREG
3.3 V/5 V
39 Ω
10 µF
14
DRV10975, DRV10975Z
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Regulators
8.3.1.1 Step-Down Regulator
The DRV10975 includes a hysteretic step-down voltage regulator that can be operated as either a switching buck
regulator using an external inductor or as a linear regulator using an external resistor (see Figure 3). The best
efficiency is achieved when the step-down regulator is in buck mode. However, the DRV10975Z device (sleep
mode version) only operates with the step-down regulator in linear mode and with a Zener diode as described in
the Typical Application section. The regulator output voltage can be configured by register bit VregSel. When
VregSel = 0, the regulator output voltage is 5 V, and when VregSel = 1, the regulator output voltage is 3.3 V.
When the regulated voltage drops by the hysteresis level, the high-side FET turns on to increase the regulated
voltage back to the target of 3.3 V or 5 V. The switching frequency of the hysteretic regulator is not constant and
changes with the load.
If the step-down regulator is configured in buck mode, see IREG_MAX in the Electrical Characteristics to determine
the amount of current provided for external load. If the step-down regulator is configured as linear mode, it is
used for the device internal circuit only.
NOTE
The DRV10975Z step-down regulator only operates in linear mode (using an external
resistor) and with a Zener diode as described in the Typical Application section. The
DRV10975Z device does not support buck mode (using an external inductor) as shown in
Figure 3.
Step-Down Regulator With External Inductor (Buck
Mode)
Step-Down Regulator With External Resistor (Linear
Mode)
Figure 3. Step-Down Regulator Configurations
8.3.1.2 3.3-V and 1.8-V LDO
The DRV10975 includes a 3.3-V LDO and an 1.8-V LDO. The 1.8-V LDO is for internal circuit only. The 3.3-V
LDO is mainly for internal circuits, but can also drive external loads not to exceed IV3P3_MAX listed in the Electrical
Characteristics. For example, it can work as a pullup voltage for the FG, DIR, SDA, and SCL interface.
Both V1P8 and V3P3 capacitor must be connected to GND.
8.3.2 Protection Circuits
8.3.2.1 Thermal Shutdown
The DRV10975 has a built-in thermal shutdown function, which shuts down the device when junction
temperature is more than TSDN ˚C and recovers operating conditions when junction temperature falls to TSDN –
TSDN_HYS˚C.
The OverTemp status bit (address 0x10 bit 7) is set during thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com