Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 22Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
U
V
W
60 degrees
±
+
+
±
23
DRV10975, DRV10975Z
www.ti.com
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
advances to the BrkEn judgment.
RvsDr State The DRV10975 drives the motor in the forward direction to force it to rapidly decelerate (see
Reverse Drive). When it reaches zero velocity, the MSS transitions to the Accelerate state.
BrkEn Judgment The MSS checks to determine whether the brake function is enabled (BrkDoneThr[2:0]
≠ 000).
If the brake function is enabled, the MSS advances to the Brake state.
Brake State The device performs the brake function (see Motor Brake).
Time>BrkDoneThr Judgment The MSS applies brake for time configured by BRKDoneThr[2:0]. After brake
state, the MSS advances to the IPDEn judgment.
IPDEn Judgment The MSS checks to see if IPD has been enabled (IPDCurrThr[3:0]
≠ 0000). If the IPD is
enabled, the MSS transitions to the IPD state. Otherwise, it transitions to the align state.
Align State The DRV10975 performs align function (see Align). After the align completes, the MSS transitions
to the Accelerate state.
IPD State
The DRV10975 performs the IPD function. The IPD function is described in Initial Position Detect
(IPD) . After the IPD completes, the MSS transitions to the Accelerate state.
Accelerate State The DRV10975 accelerates the motor according to the setting StAccel and StAccel2. After
applying the accelerate settings, the MSS advances to the Speed > Op2ClsThr judgment.
Speed>Op2ClsThr Judgment The motor accelerates until the drive rate exceeds the threshold configured by
the Op2ClsThr[4:0] settings. When this threshold is reached, the DRV10975 enters into the
ClosedLoop state.
ClosedLoop State In this state, the DRV10975 drives the motor based on feedback from the commutation
control algorithm.
DIR Pin Change Judgment If DIR pin get changed during any of above states, DRV10975 stops driving the
motor and restarts from the beginning.
8.4.3.1 ISD
The ISD function is used to identify the initial condition of the motor. If the function is disabled, the DRV10975
does not perform the initial speed detect function and treats the motor as if it is stationary.
Phase-to-phase comparators are used to detect the zero crossings of the BEMF voltage of the motor while it is
coasting (motor phase outputs are in high-impedance state). Figure 12 shows the configuration of the
comparators.
Figure 12. Initial Speed Detect Function
If the UW comparator output is lagging the UV comparator by 60°, the motor is spinning forward. If the UW
comparator output is leading the UV comparator by 60°, the motor is spinning in reverse.
The motor speed is determined by measuring the time between two rising edges of either of the comparators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com