Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 15Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 16Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 17Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 18Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 22Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
19
DRV10975, DRV10975Z
www.ti.com
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Device Functional Modes (continued)
For convenience, the encoded value for Rm[6:0] can also be obtained from Table 2.
Table 2. Motor Phase Resistance Look-Up Table
RPH_CT (Ω)
RM[6:0]
HEX
RPH_CT (Ω)
RM[6:0]
HEX
RPH_CT (Ω)
RM[6:0]
HEX
0
000 0000
00
0.235
010 1000
28
1.88
101 1000
58
0.0073
000 0001
01
0.264
010 1001
29
2.11
101 1001
59
0.0147
000 0010
02
0.294
010 1010
2A
2.35
101 1010
5A
0.0220
000 0011
03
0.323
010 1011
2B
2.58
101 1011
5B
0.0294
000 0100
04
0.352
010 1100
2C
2.82
101 1100
5C
0.0367
000 0101
05
0.382
010 1101
2D
3.05
101 1101
5D
0.0441
000 0110
06
0.411
010 1110
2E
3.29
101 1110
5E
0.0514
000 0111
07
0.441
010 1111
2F
3.52
101 1111
5F
0.0588
000 1000
08
0.47
011 1000
38
3.76
110 1000
68
0.0661
000 1001
09
0.529
011 1001
39
4.23
110 1001
69
0.0735
000 1010
0A
0.588
011 1010
3A
4.7
110 1010
6A
0.0808
000 1011
0B
0.646
011 1011
3B
5.17
110 1011
6B
0.0882
000 1100
0C
0.705
011 1100
3C
5.64
110 1100
6C
0.0955
000 1101
0D
0.764
011 1101
3D
6.11
110 1101
6D
0.102
000 1110
0E
0.823
011 1110
3E
6.58
110 1110
6E
0.110
000 1111
0F
0.882
011 1111
3F
7.05
110 1111
6F
0.117
001 1000
18
0.94
100 1000
48
7.52
111 1000
78
0.132
001 1001
19
1.05
100 1001
49
8.46
111 1001
79
0.147
001 1010
1A
1.17
100 1010
4A
9.4
111 1010
7A
0.161
001 1011
1B
1.29
100 1011
4B
10.3
111 1011
7B
0.176
001 1100
1C
1.41
100 1100
4C
11.2
111 1100
7C
0.191
001 1101
1D
1.52
100 1101
4D
12.2
111 1101
7D
0.205
001 1110
1E
1.64
100 1110
4E
13.1
111 1110
7E
0.22
001 1111
1F
1.76
100 1111
4F
14.1
111 1111
7F
8.4.1.2 BEMF Constant
The BEMF constant, Kt[6:0] describes the motors phase-to-phase BEMF voltage as a function of the motor
velocity.
The measured BEMF constant (Kt) needs to be converted to a 7-bit digital register value Kt[6:0] to program the
BEMF constant value. The digital register value can be determined as follows:
1. Convert the measured Kt to a weighted digital value: Ktph_dig = 1442 × Kt
2. Encode the digital value such that Ktph_dig = Kt[3:0] << Kt[4:6].
The maximum Kt that can be programmed is 1330 mV/Hz. This represents a digital value of 1920 and an
encoded Kt[6:0] value of 0x7Fh. The minimum Kt that can be programmed is 0.7 mV/Hz, which represents a
digital value of 1 and an encoded Kt[6:0] value of 0x01h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com