Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 22Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Time
Speed
Closed loop
Reverse Drive
Op2ClsThr
Open loop
RevDrThr
Coasting
24
DRV10975, DRV10975Z
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
If neither of the comparator outputs toggle for a given amount of time, the condition is defined as stationary. The
amount of time can be programmed by setting the register bits ISDThr[1:0].
8.4.3.2 Motor Resynchronization
The resynchronize function works when the ISD function is enabled and determines that the initial state of the
motor is spinning in the forward direction. The speed and position information measured during ISD are used to
initialize the drive state of the DRV10975, which can transition directly into the closed loop running state without
needing to stop the motor.
8.4.3.3 Reverse Drive
The ISD function measures the initial speed and the initial position; the DRV10975 reverse drive function acts to
reverse accelerate the motor through zero speed and to continue accelerating until the closed loop threshold is
reached (see Figure 13). If the reverse speed is greater than the threshold configured in RvsDrThr[1:0], then the
DRV10975 waits until the motor coasts to a speed that is less than the threshold before driving the motor to
reverse accelerate.
Figure 13. Reverse Drive Function
Reverse drive is suitable for applications where the load condition is light at low speed and relatively constant
and where the reverse speed is low (that is, a fan motor with little friction). For other load conditions, the motor
brake function provides a method for helping force a motor which is spinning in the reverse direction to stop
spinning before a normal start-up sequence.
8.4.3.4 Motor Brake
The motor brake function can be used to stop the spinning motor before attempting to start the motor. The brake
is applied by turning on all three of the low-side driver FETs.
If the motor is spinning at a speed that is greater than the braking threshold (configured by BrkDoneThr[2:0]),
then dynamic braking acts to stop the spinning (whether forward or reverse). After the motor is stopped (that is,
the motor speed is less than the BrkDoneThr[2:0]), the motor position is unknown. To proceed with restarting in
the correct direction, the IPD or Align and Go algorithm needs to be implemented. The motor start sequence is
the same as it would be for a motor starting in the stationary condition.
The motor brake function can be disabled. The motor skips the brake state and attempts to spin the motor as if it
were stationary. If this happens while the motor is spinning in either direction, the start-up sequence may not be
successful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com