Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 40Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 41Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 42Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
MotorSpeed[15:8]
Motor Speed Read Back
Read
MotorSpeed[7:0]
Read
MotorSpeed[15:8]
I C send out motor speed.
2
MotorSpeed[7:0]
MotorSpeed
Buffer[7:0]
ecycles
1 mechcycle
sec ond
51
60
1530 RPM
sec ond
2
ecycle
minute
u
u
39
DRV10975, DRV10975Z
www.ti.com
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
8.4.11.2 Motor Speed Readback
The motor operation speed is automatically updated in register MotorSpeed1 and MotorSpeed2 while the motor
is spinning. MotorSpeed1 contains the 8 most significant bits and MotorSpeed2 contains the 8 least significant
bits. The value is determined by the period for calculated BEMF zero crossings on phase U. The electrical speed
of the motor is denoted as Velocity (Hz) and is calculated as shown in Equation 8.
Velocity (Hz) = {MotorSpeed1:MotorSpeed2} / 10
(8)
As an example consider the following:
MotorSpeed1 = 0x01;
MotorSpeed2 = 0xFF;
Velocity = 512 (0x01FF) / 10 = 51 Hz
For a 4-pole motor, this translates to:
8.4.11.2.1
Two-Byte Register Readback
Several of the registers such as MotorSpeed report data that is contained in two registers.
To make sure that the data does not change between the reading of the first and second register reads, the
DRV10975 implements a special scheme to synchronize the reading of MSB and LSB data. To ensure valid data
is read when reading a two register value, use the following sequence.
1. Read the MSB.
2. Read the LSB.
Figure 37 shows the two-register readback circuit. When the MSB is read, the controller takes a snapshot of the
LSB. The LSB data is stored in one extra register byte, which is shown as MotorSpeedBuffer[7:0]. When the LSB
is read, the value of MotorSpeedBuffer[7:0] is sent.
Figure 37. Two-Byte Register Readback
8.4.11.3 Motor Electrical Period Readback
The motor operation electrical period is automatically updated in register MotorPeriod1 and MotorPeriod2 while
the motor is spinning. MotorPeriod1 is the MSB and MotorPeriod2 is the LSB. The electrical period is measured
as the time between calculated BEMF zero crossings for phase U. The electrical period of the motor is denoted
as d as tELE_PERIOD (µs) and is calculated as shown in Equation 9.
tELE_PERIOD (µs) = {MotorPeriod1:MotorPeriod2} × 10
(9)
As an example consider the following:
MotorPeriod1 = 0x01;
MotorPeriod2 = 0xFF;
tELE_PERIOD = 512 (0x01FF) × 10 = 5120 µs
The motor electrical period and motor speed satisfies the condition of Equation 10.
tELE_PERIOD (s) × Velocity (Hz) = 1
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com