Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 40Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Motor phase
driving voltage
Fgcycle '00'
4 pole
Fgcycle '01'
6 pole
Fgcycle '10'
8 pole
Fgcycle '11'
12 pole
37
DRV10975, DRV10975Z
www.ti.com
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
AVSMMd = 1 – AVS mode becomes active when VCC reaches 24 V. The motor acts as a generator and
returns energy into the power supply until VCC reaches 24 V. This mode can be used to enable faster
deceleration of the motor in applications where returning energy to the power supply is allowed.
8.4.9 PWM Output
The DRV10975 has 16 options for PWM dead time which can be used to configure the time between one of the
bridge FETs turning off and the complementary FET turning on. Deadtime[3:0] can be used to configure dead
times between 40 ns and 640 ns. Take care that the dead time is long enough to prevent the bridge FETs from
shooting through. The recommend minimum dead time is 400 ns for 24-V VCC and 360 ns for 12-V VCC.
The DRV10975 offers two options for PWM switching frequency. When the configuration bit DoubleFreq is set to
0, the output PWM frequency will be 25 kHz and when DoubleFreq is set to 1, the output PWM frequency will be
50 kHz.
8.4.10 FG Customized Configuration
The DRV10975 provides information about the motor speed through the frequency generate (FG) pin. FG also
provides information about the driving state of the DRV10975.
8.4.10.1 FG Output Frequency
The FG output frequency can be configured by FGcycle[1:0]. The default FG toggles once every electrical cycle
(FGcycle = 00). Many applications configure the FG output so that it provides two pulses for every mechanical
rotation of the motor. The configuration bits provided in DRV10975 can accomplish this for 4-pole, 6-pole, 8-pole,
and 12-pole motors, as shown in Figure 35.
Figure 35 shows the DRV10975 has been configured to provide FG pulses once every electrical cycle (4 pole),
twice every three electrical cycle (6 pole), once every two electrical cycles (8 pole), and once every three
electrical cycles (12 pole).
Note that when it is set to 2 FG pulses every three electrical cycles, the FG output is not 50% duty cycle. Motor
speed is able to be measured by monitoring the rising edge of the FG output.
Figure 35. FG Frequency Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com