Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 13Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 14Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 15Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 16Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 17Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 18Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
17
DRV10975, DRV10975Z
www.ti.com
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Feature Description (continued)
For different speed command modes, Table 1 shows the timing and command to enter the sleep or standby
condition.
Table 1. Conditions to Enter or Exit Sleep or Standby Condition
SPEED COMMAND
MODE
ENTER STANDBY
CONDITION
ENTER SLEEP
CONDITION
EXIT FROM STANDBY
CONDITION
EXIT FROM SLEEP
CONDITION
Analog
SPEED pin voltage < VEN_SB
for tEN_SB_ANA
SPEED pin voltage <
VEN_SL for tEN_SL_ANA
SPEED pin voltage > VEX_SB
for tEX_ SB_ANA
SPEED pin voltage > VEX_SL
for tEX_ SL_ANA
PWM
SPEED pin low (V < VDIG_IL)
for tEN_SB_PWM
SPEED pin low (V <
VDIG_IL) for
tEN_SL_PWM
SPEED pin high (V >
VDIG_IH) for tEX_SB_PWM
SPEED pin high (V >
VDIG_IH) for tEX_SL_PWM
I2C
SpdCtrl[8:0] is programmed
as 0 for tEN_SB_PWM
SpdCtrl[8:0] is
programmed as 0 for
tEN_SL_PWM
SpdCtrl[8:0] is programmed
as non-zero for tEX_SB_PWM
SPEED pin high (V >
VDIG_IH) for tEX_SL_PWM(PWM
mode) or SPEED pin voltage
> VEX_SL for tEX_ SL_ANA
(Analog mode)
Note that using the analog speed command, a higher voltage is required to exit from the sleep condition than the
standby condition. The I2C speed command cannot take the device out of the sleep condition because I2C
communication is disabled during the sleep condition.
8.3.5 Non-Volatile Memory
The DRV10975 has 96-bits of EEPROM data, which are used to program the motor parameters as described in
the I2C Serial Interface.
The procedure for programming the EEPROM is as follows. TI recommends to perform the EEPROM
programming without the motor spinning, power cycle after the EEPROM write, and read back the EEPROM to
verify the programming is successful.
1. Set SIdata = 1.
2. Write the desired motor parameters into the corresponding registers (address 0x20:0x2B) (see I2C Serial
Interface).
3. Write 1011 0110 (0xB6) to enProgKey in the DevCtrl register.
4. Ensure that VCC is at or above 22 V.
5. Write eeWrite = 1 in EECtrl register to start the EEPROM programming.
The programming time is about 24 ms, and eeWrite bit is reset to 0 when programming is done.
8.4 Device Functional Modes
This section includes the logic required to be able to reliably start and drive the motor. It describes the processes
used in the logic core and provides the information needed to effectively configure the parameters to work over a
wide range of applications.
8.4.1 Motor Parameters
For the motor parameter measurement, see the DRV10983 and DRV10975 Tuning Guide.
The motor phase resistance and the BEMF constant (Kt) are two important parameters used to characterize a
BLDC motor. The DRV10975 requires these parameters to be configured in the register. The motor phase
resistance is programmed by writing the values for Rm[6:0] in the MotorParam1 register. The BEMF constant is
programmed by writing the values for Kt[6:0] in the MotorParam2 register.
8.4.1.1 Motor Phase Resistance
For a wye-connected motor, the motor phase resistance refers to the resistance from the phase output to the
center tap, RPH_CT (see Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com