Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
32
DRV10975, DRV10975Z
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
tSETTING (in µs) is determined by the configuration of the TCtrlAdv [6:4] and TCtrlAdv [3:0] bits as defined in
Equation 6. For convenience, the available tSETTING values are provided in Table 5.
tSETTING = 2.5 µs × [TCtrlAdv[3:0]] << TCtrlAdv[6:4]
(6)
Table 5. Configuring Commutation Advance Timing by Adjusting tSETTING
tSETTING (µs)
TCtrlAdv
[6:0]
HEX
tSETTING (µs)
TCtrlAdv
[6:0]
HEX
tSETTING (µs)
TCtrlAdv
[6:0]
HEX
0
000 0000
00
80
010 1000
28
640
101 1000
58
2.5
000 0001
01
90
010 1001
29
720
101 1001
59
5
000 0010
02
100
010 1010
2A
800
101 1010
5A
7.5
000 0011
03
110
010 1011
2B
880
101 1011
5B
10
000 0100
04
120
010 1100
2C
960
101 1100
5C
12.5
000 0101
05
130
010 1101
2D
1040
101 1101
5D
15
000 0110
06
140
010 1110
2E
1120
101 1110
5E
17.5
000 0111
07
150
010 1111
2F
1200
101 1111
5F
20
000 1000
08
160
011 1000
38
1280
110 1000
68
22.5
000 1001
09
180
011 1001
39
1440
110 1001
69
25
000 1010
0A
200
011 1010
3A
1600
110 1010
6A
27.5
000 1011
0B
220
011 1011
3B
1760
110 1011
6B
30
000 1100
0C
240
011 1100
3C
1920
110 1100
6C
32.5
000 1101
0D
260
011 1101
3D
2080
110 1101
6D
35
000 1110
0E
280
011 1110
3E
2240
110 1110
6E
37.5
000 1111
0F
300
011 1111
3F
2400
110 1111
6F
40
001 1000
18
320
100 1000
48
2560
111 1000
78
45
001 1001
19
360
100 1001
49
2880
111 1001
79
50
001 1010
1A
400
100 1010
4A
3200
111 1010
7A
55
001 1011
1B
440
100 1011
4B
3520
111 1011
7B
60
001 1100
1C
480
100 1100
4C
3840
111 1100
7C
65
001 1101
1D
520
100 1101
4D
4160
111 1101
7D
70
001 1110
1E
560
100 1110
4E
4480
111 1110
7E
75
001 1111
1F
600
100 1111
4F
4800
111 1111
7F
8.4.6 Current Limit
The DRV10975 has several current limit modes to help ensure optimal control of the motor and to ensure safe
operation. The various current limit modes are listed in Table 6. Acceleration current limit is used to provide a
means of controlling the amount of current delivered to the motor. This is useful when the system needs to limit
the amount of current pulled from the power supply during motor start-up. The lock detection current limit is a
configurable threshold that can be used to limit the current applied to the motor. Overcurrent protection is used to
protect the device; therefore, it cannot be disabled or configured to a different threshold. The current limit modes
are described in the following sections.
Table 6. DRV10975 Current Limit Modes
Current Limit Mode
Situation
Action
Fault Diagnose
Acceleration current limit
Motor start
Limit the output voltage amplitude
No fault
Lock detection current limit
Motor locked
Stop driving the motor and enter lock state
Mechanical rotation error
Overcurrent protection (OCP)
Short circuit
Stop driving and recover when OC signal disappeared
Circuit connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com