Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 22Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
Clock
IPDclk
Drive
V W
W V
U V
V U
W U
U W
Current
Search the Minimum Time
IPDCurrThr
Minimum
Time
Permanent
Magnet Position
Saturation Position of the
Magnetic Field
Smallest
Inductance
N
S
U
V
W
25
DRV10975, DRV10975Z
www.ti.com
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
8.4.3.5 Motor Initialization
8.4.3.5.1
Align
The DRV10975 aligns a motor by injecting dc current through a particular phase pattern which is current flowing
into phase V, flowing out from phase W for a certain time (configured by AlignTime[2:0]). The current magnitude
is determined by OpenLCurr[1:0]. The motor should be aligned at the known position.
The time of align affects the start-up timing (see Start-Up Timing). A bigger inertial motor requires longer align
time.
8.4.3.5.2
Initial Position Detect (IPD)
The inductive sense method is used to determine the initial position of the motor when IPD is enabled. IPD is
enabled by selecting IPDCurrThr[3:0] to any value other than 0000.
IPD can be used in applications where reverse rotation of the motor is unacceptable. Because IPD does not
need to wait for the motor to align with the commutation, it can allow for a faster motor start sequence. IPD works
well when the inductance of the motor varies as a function of position. Because it works by pulsing current to the
motor, it can generate acoustics which must be taken into account when determining the best start method for a
particular application.
8.4.3.5.2.1
IPD Operation
The IPD operates by sequentially applying voltage across two of the three motor phases according to the
following sequence: VW WV UV VU WU UW (see Figure 14). When the current reaches the threshold configured
in IPDCurrThr[3:0], the voltage across the motor is stopped. The DRV10975 measures the time it takes from
when the voltage is applied until the current threshold is reached. The time varies as a function of the inductance
in the motor windings. The state with the shortest time represents the state with the minimum inductance. The
minimum inductance is because of the alignment of the north pole of the motor with this particular driving state.
Figure 14. IPD Function
8.4.3.5.2.2
IPD Release Mode
Two options are available for stopping the voltage applied to the motor when the current threshold is reached. If
IPDRlsMd = 0, the recirculate mode is selected. The low-side (S6) MOSFET remains on to allow the current to
recirculate between the MOSFET (S6) and body diode (S2) (see Figure 15). If IPDRlsMd = 1, the high-
impedance (Hi-Z) mode is selected. Both the high-side (S1) and low-side (S6) MOSFETs are turned off and the
current flies back across the body diodes into the power supply (see Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com