Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
DAC
+
Digital Core
–
Lock-Detection Current Limit
Speed Abnormal
Open-Loop Stuck
Closed-Loop Stuck
No-Motor Fault
LockEn (0, 1, 2, 3, 4, 5)
Hi-Z
and Restart
Logic
OR
Register:
FaultCode [5:0]
Register
Status[4]
Set
Reset
BEMF Abnormal
Copyright © 2017, Texas Instruments Incorporated
34
DRV10975, DRV10975Z
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Figure 28. Lock Detect and Fault Diagnose
8.4.7.1 Lock0: Lock Detection Current Limit Triggered
The lock detection current limit function provides a configurable threshold for limiting the current to prevent
damage to the system. This is often tripped in the event of a sudden locked rotor condition. The DRV10975
continuously monitors the current in the low-side drivers as shown in Figure 29. If the current goes higher than
the threshold configured by the HWiLimitThr[2:0] bits, then the DRV10975 stops driving the motor by placing the
output phases into a high-impedance state. The MtrLck bit is set and a lock condition is reported. It retries after
tLOCK_OFF.
Set the lock detection current limit to a higher value than the acceleration current limit.
Figure 29. Lock Detection Current Limit
8.4.7.2 Lock1: Abnormal Speed
If motor is operating normally, the motor BEMF should always be less than output amplitude. The DRV10975
uses two methods of monitoring the BEMF in the system. The U phase current is monitored to maintain an
estimate of BEMF based on the setting for Rm[6:0]. In addition, the BEMF is estimated based on the operation
speed of the motor and the setting for Kt[6:0]. Figure 30 shows the method for using this information to detect a
lock condition. If motor BEMF is much higher than output amplitude for a certain period of time, tLCK_ETR, it means
the estimated speed is wrong, and the motor has gotten out of phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com