Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 9Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 10Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 11Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 12Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
9
DRV10975, DRV10975Z
www.ti.com
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDIG_IL
PWM input low voltage
0.6
V
ƒPWM
PWM input frequency
1
100
kHz
STANDBY MODE (DRV10975)
VEN_SB
Analog voltage-to-enter
standby mode
SpdCtrlMd = 0 (analog mode)
30
mV
VEX_SB
Analog voltage-to-exit
standby
SpdCtrlMd = 0 (analog mode)
120
mV
tEX_SB_ANA
Time-to-exit from standby
mode
SpdCtrlMd = 0 (analog mode)
SPEED > VEX_SB
700
ms
tEX_SB_DR_ANA
Time taken to drive motor
after exiting from standby
mode
SpdCtrlMd = 0 (analog mode)
SPEED > VEX_SB; ISDen = 0;
BrkDoneThr[2:0] = 0
1
µs
tEX_SB_PWM
Time-to-exit from standby
mode
SpdCtrlMd = 1 (PWM mode)
SPEED > VDIG_IH
1
µs
tEX_SB_DR_PWM
Time taken to drive motor
after exiting from standby
mode
SpdCtrlMd = 1 (PWM mode)
SPEED > VDIG_IH; ISDen = 0; BrkDoneThr[2:0] = 0
55
ms
tEN_SB_ANA
Time-to-enter standby mode
SpdCtrlMd = 0 (analog mode)
SPEED < VEN_SB; AvSIndEn = 0
5
ms
tEN_SB_PWM
Time-to-enter standby mode
SpdCtrlMd = 1 (PMW mode)
SPEED < VDIG_IL; AvSIndEn = 0
60
ms
SLEEP MODE (DRV10975Z)
VEN_SL
Analog voltage-to-enter
sleep
SpdCtrlMd = 0 (analog mode)
30
mV
VEX_SL
Analog voltage-to-exit sleep
SpdCtrlMd = 0 (analog mode)
2.2
3.3
V
tEX_SL_ANA
Time-to-exit from sleep
mode
SpdCtrlMd = 0 (analog mode)
SPEED > VEX_SL
1
µs
tEX_SL_DR_ANA
Time taken to drive motor
after exiting from sleep
mode
SpdCtrlMd = 0 (analog mode)
SPEED > VEX_SL; ISDen = 0;
BrkDoneThr[2:0] = 0
350
ms
tEX_SL_PWM
Time-to-exit from sleep
mode
SpdCtrlMd = 1 (PWM mode)
SPEED > VDIG_IH
1
µs
tEX_SL_DR_PWM
Time taken to drive motor
after exiting from sleep
mode
SpdCtrlMd = 1 (PWM mode)
SPEED > VDIG_IH; ISDen = 0; BrkDoneThr[2:0] = 0
350
ms
tEN_SL_ANA
Time-to-enter sleep mode
SpdCtrlMd = 0 (analog mode)
SPEED < VEN_SL; AvSIndEn = 0
5.2
ms
tEN_SL_PWM
Time-to-enter sleep mode
SpdCtrlMd = 1 (PMW mode)
SPEED < VDIG_IL; AvSIndEn = 0
58
ms
RPD_SPEED_SL
Internal SPEED pin pulldown
resistance to ground
VSPEED = 0 (sleep mode)
55
kΩ
DIGITAL I/O (DIR INPUT AND FG OUTPUT)
VDIR_H
Input high
2.2
V
VDIR_L
Input low
0.6
V
IFG_SINK
Output sink current
Vout = 0.3 V
5
mA
I2C SERIAL INTERFACE
VI2C_H
Input high
2.2
V
VI2C_L
Input low
0.6
V
LOCK DETECTION RELEASE TIME
tLOCK_OFF
Lock release time
5
s
tLCK_ETR
Lock enter time
0.3
s
OVERCURRENT PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com