Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
Phase
Voltage
Phase
Current
Phase
BEMF
t
adv
Speed command
input
Speed command
after closed loop
accelerate buffer
Closed loop
accelerate settings
x%
y%
x%
y%
31
DRV10975, DRV10975Z
www.ti.com
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Figure 25. Closed-Loop Accelerate
8.4.5.6 Control Coefficient
The DRV10975 continuously measures the motor current and uses this information to control the drive state of
the motor when operating in closed loop mode. In applications where noise makes it difficult to control the
commutation optimally, the CtrlCoef[1:0] can be used to attenuate the feedback used for closed loop control. The
loop will be less reactive to the noise on the feedback and provide for a smoother output.
8.4.5.7 Commutation Control Advance Angle
To achieve the best efficiency, it is often desirable to control the drive state of the motor so that the phase
current of the motor is aligned with the BEMF voltage of the motor.
To align the phase current of the motor with the BEMF voltage of the motor, consider the inductive effect of the
motor. The voltage applied to the motor should be applied in advance of the BEMF voltage of the motor (see
Figure 26). The DRV10975 provides configuration bits for controlling the time (tadv) between the driving voltage
and BEMF.
For motors with salient pole structures, aligning the motor BEMF voltage with the motor current may not achieve
the best efficiency. In these applications, the timing advance should be adjusted accordingly. Accomplish this by
operating the system at constant speed and load conditions and by adjusting the tadv until the minimum current is
achieved.
Figure 26. Advance Time (tadv) Definition
The DRV10975 has two options for adjusting the motor commutate advance time. When CtrlAdvMd = 0, mode 0
is selected. When CtrlAdvMd = 1, mode 1 is selected.
Mode 0: tadv is maintained to be a fixed time relative to the estimated BEMF zero cross as determined by
Equation 4.
tadv = tSETTING
(4)
Mode 1: tadv is maintained to be a variable time relative to the estimated BEMF zero cross as determined by
Equation 5.
tadv = tSETTING × (U-BEMF)/U.
where
•
U is the phase voltage amplitude
•
BEMF is phase BEMF amplitude
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com