Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
I
= 0
MIN
V
U
V
= BEMF + I
Rm = BEMF
U_MIN
MIN ´
Rm
M
BEMF
Copyright © 2017, Texas Instruments Incorporated
DRV10975
M
36
DRV10975, DRV10975Z
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Figure 33. No Motor Error
8.4.7.5 Lock4: Open Loop Motor Stuck Lock
Lock4 is used to detect locked motor conditions while the motor start sequence is in open loop.
For a successful startup, motor speed should equal to open to closed loop handoff threshold when the motor is
transitioning into closed loop. However, if the motor is locked, the motor speed is not able to match the open loop
drive rate.
If the motor BEMF is not detected for one electrical cycle after the open loop drive rate exceeds the threshold,
then the open loop was unsuccessful as a result of a locked rotor condition.
8.4.7.6 Lock5: Closed Loop Motor Stuck Lock
If the motor suddenly becomes locked, motor speed and Ktc are not able to be refreshed because motor BEMF
zero cross may not appear after the lock. In this condition, lock can also be detected by the following scheme: if
the current commutation period is 2× longer than the previous period.
8.4.8 AVS Function
When a motor is driven, energy is transferred from the power supply into it. Some of this energy is stored in the
form of inductive energy or as mechanical energy. The DRV10975 includes circuits to prevent this energy from
being returned to the power supply which could result in pumping up the VCC voltage. This function is referred to
as the AVS and acts to protect the DRV10975 as well as other circuits that share the same VCC connection. Two
forms of AVS protection are used to prevent both the mechanical energy or the inductive energy from being
returned to the supply. Each of these modes can be independently disabled through the register configuration
bits AVSMEn and AVSIndEn.
8.4.8.1 Mechanical AVS Function
If the speed command suddenly drops such that the BEMF voltage generated by the motor is greater than the
voltage that is applied to the motor, then the mechanical energy of the motor is returned to the power supply and
the VCC voltage surges. The mechanical AVS function works to prevent this from happening. The DRV10975
buffers the speed command value and limits the resulting output voltage, UMIN, so that it is not less than the
BEMF voltage of the motor. The BEMF voltage in the mechanical AVS function is determined using the
programmed value for the Kt of the motor (Kt[6:0]) along with the speed. Figure 34 shows the criteria used by the
mechanical AVS function.
Figure 34. Mechanical AVS
The mechanical AVS function can operate in one of two modes, which can be configured by the register bit
AVSMMd:
AVSMMd = 0 – AVS mode is always active to prevent the applied voltage from being less than the BEMF
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com