Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 14Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 15Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 16Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 17Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 18Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Phase U
Phase V
Phase W
Center
Tap
R
Y
R
Y
RY
RPH_PH
RPH_PH
RPH_PH
Phase U
Phase V
Phase W
Center
Tap
R
PH_CT
R
PH_CT
RPH_CT
18
DRV10975, DRV10975Z
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 8. Wye-Connected Motor Phase Resistance
For a delta-connected motor, the motor phase resistance refers to the equivalent phase to center tap in the wye
configuration, which is represented as RY. RPH_CT = RY (see Figure 9).
For both the delta-connected motor and the wye-connected motor, calculating the equivalent RPH_CT is easy by
measuring the resistance between two phase terminals (RPH_PH), and then dividing this value by two as shown in
Equation 1.
RPH_CT = ½RPH_PH
(1)
Figure 9. Delta-Connected Motor and the Equivalent Wye Connections
The motor phase resistance (RPH_CT) must be converted to a 7-bit digital register value Rm[6:0] to program the
motor phase resistance value. The digital register value can be determined as follows:
1. Convert the motor phase resistance (RPH_CT) to a digital value where the LSB is weighted to represent 7.35
mΩ: Rmdig = RPH_CT / 0.00735.
2. Encode the digital value such that Rmdig = Rm[3:0] << Rm[6:4].
The maximum resistor value, RPH_CT, that can be programmed for the DRV10975 is 14.1 Ω, which represents
Rmdig = 1920 and an encoded Rm[6:0] value of 0x7Fh. The minimum resistor the DRV10975 supports is
0.0294 Ω, RPH_CT, which represents Rmdig = 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com