Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 40Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 41Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 42Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 43Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
U
V
W
U
V
W
U
V
W
U
V
W
U
V
W
N
S
U
V
W
40
DRV10975, DRV10975Z
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
8.4.11.4 BEMF Constant Readback
For any given motor, the integrated value of BEMF during half of an electronic cycle will be constant, Ktc (see
Lock2: Abnormal Kt).
The integration of the motor BEMF is processed periodically (updated every electrical cycle) while the motor is
spinning. The result is stored in register MotorKt1 and MotorKt2.
The relationship is shown in Equation 11.
Ktc (V/Hz)= {MotorKt1:MotorKt2} / 2 /1442
(11)
8.4.11.5 Motor Estimated Position by IPD
After inductive sense is executed the rotor position is detected within 60 electrical degrees of resolution. The
position is stored in register IPDPosition.
The value stored in IPD Position corresponds to one of the six motor positions plus the IPD Advance Angle as
shown in Table 7. For more about information about IPD, see Initial Position Detect (IPD).
Table 7. IPD Position Readback
Rotor position (°)
0
60
120
180
240
300
Data1
0
43
85
128
171
213
IPD Advance
Angle
30
60
90
120
Data2
22
44
63
85
Register date
(Data1 + Data2) mod (256)
8.4.11.6 Supply Voltage Readback
The power supply is monitored periodically during motor operation. This information is available in register
SupplyVoltage. The power supply voltage is recorded as shown in Equation 12.
VPOWERSUPPLY (V) = Supply Voltage × 22.8 V / 256
(12)
8.4.11.7 Speed Command Readback
The DRV10975 converts the various types of speed command into a speed command value (SpeedCmd) as
shown in Figure 38. By reading SpeedCmd, the user can observe PWM input duty (PWM digital mode), analog
voltage (analog mode), or I2C data (I2C mode). This value is calculated as shown in Equation 13.
Equation 13 shows how the speed command as a percentage can be calculated and set in SpeedCmd.
DutySPEED (%) = SpeedCmd × 100% / 255
where
•
DutySPEED = Speed command as a percentage
•
SpeedCmd = Register value
(13)
8.4.11.8 Speed Command Buffer Readback
If acceleration current limit and AVS are enabled, the PWM duty cycle output (read back at spdCmdBuffer) may
not always match the input command (read back at SpeedCmd) shown in Figure 38. See AVS Function and
Current Limit.
By reading the value of spdCmdBuffer, the user can observe buffered speed command (output PWM duty cycle)
to the motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com