Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 12Page - Texas Instruments TPS25940 Datasheet HTML 13Page - Texas Instruments TPS25940 Datasheet HTML 14Page - Texas Instruments TPS25940 Datasheet HTML 15Page - Texas Instruments TPS25940 Datasheet HTML 16Page - Texas Instruments TPS25940 Datasheet HTML 17Page - Texas Instruments TPS25940 Datasheet HTML 18Page - Texas Instruments TPS25940 Datasheet HTML 19Page - Texas Instruments TPS25940 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16
TPS25940-Q1
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
www.ti.com
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS25940x-Q1 device is a smart eFuse with integrated back-to-back FETs and enhanced built-in protection
circuitry. It provides robust protection for all systems and applications powered from 2.7 V to 18 V.
For hot-plug-in boards, the device provides hot-swap power management with in-rush current control and
programmable output ramp-rate. The device integrates overcurrent and short circuit protection. The precision
overcurrent limit helps to minimize over design of the input power supply, while the fast response short circuit
protection immediately isolates the load from input when a short circuit is detected. The device allows the user to
program the overcurrent limit threshold between 0.6 A and 5.3 A via an external resistor.
The device provides precise monitoring of voltage bus for brown-out and overvoltage conditions and asserts fault
for downstream system. Its overall threshold accuracy of 2% ensures tight supervision of bus, eliminating the
need for a separate supply voltage supervisor chip.
The device is designed to protect systems such as USB hubs against sudden output short to battery events. The
device monitors V(IN) and V(OUT) to provide true reverse blocking from output when output short to battery fault
condition or input power fail condition is detected.
The additional features include:
•
Precise current monitor output for health monitoring of the system
•
Additional power good comparator with precision internal reference for output or any other rail voltage
monitoring
•
Over temperature protection to safely shutdown in the event of an overcurrent event
•
De-glitched fault reporting for brown-out and overvoltage faults
•
A choice of latched or automatic restart mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com