Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 5 Page - Texas Instruments

  TPS25940 Datasheet HTML 1Page - Texas Instruments TPS25940 Datasheet HTML 2Page - Texas Instruments TPS25940 Datasheet HTML 3Page - Texas Instruments TPS25940 Datasheet HTML 4Page - Texas Instruments TPS25940 Datasheet HTML 5Page - Texas Instruments TPS25940 Datasheet HTML 6Page - Texas Instruments TPS25940 Datasheet HTML 7Page - Texas Instruments TPS25940 Datasheet HTML 8Page - Texas Instruments TPS25940 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
TPS25940-Q1
www.ti.com
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS25940x-Q1
UNIT
RVC (WQFN)
20 PINS
RθJA
Junction-to-ambient thermal resistance
38.1
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
40.5
°C/W
RθJB
Junction-to-board thermal resistance
13.6
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
13.7
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
3.4
°C/W
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
6.5 Electrical Characteristics
–40°C
≤ TJ = TA ≤ 125°C, 2.7 V ≤ V(IN) = 18 V, V(EN/UVLO) = 2 V, V(OVP) = V(DEVSLP) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ, C(OUT) = 1
µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. Positive current into terminals. All voltages referenced to GND (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND INTERNAL UNDERVOLTAGE LOCKOUT
V(IN)
Operating input voltage
2.7
18
V
V(UVR)
Internal UVLO threshold, rising
2.2
2.3
2.4
V
V(UVRhys)
Internal UVLO hysteresis
105
116
125
mV
IQ(ON)
Supply current, enabled
V(EN/UVLO) = 2 V, V(IN) = 3 V
140
210
300
µA
V(EN/UVLO) = 2 V, V(IN) = 12 V
140
199
260
V(EN/UVLO) = 2 V, V(IN) = 18 V
140
202
270
IQ(OFF)
Supply current, disabled
V(EN/UVLO) = 0 V, V(IN) = 3 V
4
8.6
15
µA
V(EN/UVLO) = 0 V, V(IN) = 12 V
6
15
20
V(EN/UVLO) = 0 V, V(IN) = 18 V
8
18.5
25
IQ(DEVSLP)
Supply current, devSleep mode
V(DEVSLP) = 0 V, V(IN) = 2.7 V to 18 V
70
95
130
µA
ENABLE AND UNDERVOLTAGE LOCKOUT (EN/UVLO) INPUT
V(ENR)
EN/UVLO threshold voltage, rising
0.97
0.99
1.01
V
V(ENF)
EN/UVLO threshold voltage, falling
0.9
0.92
0.94
V
V(SHUTF)
EN threshold voltage for Low IQ
shutdown, falling
0.3
0.47
0.63
V
V(SHUTFhys)
EN hysteresis for low IQ shutdown,
hysteresis(1)
66
mV
IEN
EN Input leakage current
0 V
≤ V(EN/UVLO) ≤ 18 V
–100
0
100
nA
OVER VOLTAGE PROTECTION (OVP) INPUT
V(OVPR)
Overvoltage threshold voltage, rising
0.97
0.99
1.01
V
V(OVPF)
Overvoltage threshold voltage,
falling
0.9
0.92
0.94
V
I(OVP)
OVP input leakage current
0 V
≤ V(OVP) ≤ 5 V
–100
0
100
nA
DEVSLP MODE INPUT (DEVSLP): ACTIVE HIGH
V(DEVSLPR)
DEVSLP threshold voltage, rising
1.6
1.85
2
V
V(DEVSLPF)
DEVSLP threshold voltage, falling
0.8
0.96
1.1
V
I(DEVSLP)
DEVSLP input leakage current
0.2 V
≤ V(DEVSLP) ≤ 18 V
0.6
1
1.25
µA
OUTPUT RAMP CONTROL (dVdT)
I(dVdT)
dVdT charging current
V(dVdT) = 0 V
0.85
1
1.15
µA
R(dVdT)
dVdT discharging resistance
EN/UVLO = 0 V, I(dVdT) = 10 mA sinking
16
24
Ω
V(dVdTmax)
dVdT maximum capacitor voltage
2.6
2.88
3.1
V
GAIN(dVdT)
dVdT to OUT gain
ΔV(OUT)/ΔV(dVdT)
11.65
11.9
12.05
V/V
CURRENT LIMIT PROGRAMMING (ILIM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com