Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 32Page - Texas Instruments TPS25940 Datasheet HTML 33Page - Texas Instruments TPS25940 Datasheet HTML 34Page - Texas Instruments TPS25940 Datasheet HTML 35Page - Texas Instruments TPS25940 Datasheet HTML 36Page - Texas Instruments TPS25940 Datasheet HTML 37Page - Texas Instruments TPS25940 Datasheet HTML 38Page - Texas Instruments TPS25940 Datasheet HTML 39Page - Texas Instruments TPS25940 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
PGTHR
IMON
OUT
IMON
IMON_OS
V
0.99 V
R
=
=
= 60.36 k
$
I
× GAIN
+ I
300 mA × 52
+ 0.8 $
A
§
·
¨
¸
©
¹
36
TPS25940-Q1
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
www.ti.com
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
(36)
A close value of 61.9 k
Ω is chosen for RIMON.
Figure 78 shows the overload flag status when the load is changed from 150 mA to 600 mA and back. As seen
in the Figure 78, the overload status (OL_Status) becomes active HIGH when the load current crosses 300 mA.
Figure 78. Overload Flag Status for Change in Load from 150 mA to 600 mA and Back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com