Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 35Page - Texas Instruments TPS25940 Datasheet HTML 36Page - Texas Instruments TPS25940 Datasheet HTML 37Page - Texas Instruments TPS25940 Datasheet HTML 38Page - Texas Instruments TPS25940 Datasheet HTML 39Page - Texas Instruments TPS25940 Datasheet HTML 40Page - Texas Instruments TPS25940 Datasheet HTML 41Page - Texas Instruments TPS25940 Datasheet HTML 42Page - Texas Instruments TPS25940 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39
TPS25940-Q1
www.ti.com
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
•
For all applications, a 0.1-uF or greater ceramic decoupling capacitor is recommended between IN terminal
and GND. For hot-plug applications, where input power path inductance is negligible, this capacitor can be
eliminated/minimized.
•
The optimum placement of decoupling capacitor is closest to the IN and GND terminals of the device. Care
must be taken to minimize the loop area formed by the bypass-capacitor connection, the IN terminal, and the
GND terminal of the IC. See Figure 80 for a PCB layout example.
•
High current carrying power path connections must be as short as possible and must be sized to carry at
least twice the full-load current.
•
Low current signal ground (SGND), which is the reference ground for the device must be a copper plane or
island.
•
Locate all TPS25940x-Q1 support components: R(ILIM), CdVdT, R(IMON), and resistors for UVLO and OVP, close
to their connection pin. Connect the other end of the component to the SGND with shortest trace length.
•
The trace routing for the RILIM and R(IMON) components to the device must be as short as possible to reduce
parasitic effects on the current limit and current monitoring accuracy. These traces must not have any
coupling to switching signals on the board.
•
The SGND plane must be connected to high current ground (main power ground) at a single point, that is at
the negative terminal of input capacitor.
•
Protection devices such as TVS, snubbers, capacitors, or diodes must be placed physically close to the
device they are intended to protect, and routed with short traces to reduce inductance. For example, a
protection Schottky diode is recommended to address negative transients due to switching of inductive loads,
and it must be physically close to the OUT pins.
•
Thermal Considerations: When properly mounted the PowerPAD™ package provides significantly greater
cooling ability than an ordinary package. To operate at rated power, the PowerPAD must be soldered directly
to the board GND plane directly under the device. The PowerPAD is at GND potential and can be connected
using multiple vias to inner layer GND. Other planes, such as the bottom side of the circuit board can be used
to increase heat sinking in higher current applications. See the Technical Briefs, PowerPad™ Thermally
Enhanced Package, SLMA002) and PowerPAD™ Made Easy, SLMA004) for more information on using this
PowerPAD™ package.
•
The thermal via land pattern specific to TPS25940x-Q1 can be downloaded from the TPS25940 device
webpage.
•
Obtaining acceptable performance with alternate layout schemes is possible; however this layout has been
shown to produce good results and is intended as a guideline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com