Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 2Page - Texas Instruments TPS25940 Datasheet HTML 3Page - Texas Instruments TPS25940 Datasheet HTML 4Page - Texas Instruments TPS25940 Datasheet HTML 5Page - Texas Instruments TPS25940 Datasheet HTML 6Page - Texas Instruments TPS25940 Datasheet HTML 7Page - Texas Instruments TPS25940 Datasheet HTML 8Page - Texas Instruments TPS25940 Datasheet HTML 9Page - Texas Instruments TPS25940 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
TPS25940-Q1
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
www.ti.com
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
–40°C
≤ TJ = TA ≤ 125°C, 2.7 V ≤ V(IN) = 18 V, V(EN/UVLO) = 2 V, V(OVP) = V(DEVSLP) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ, C(OUT) = 1
µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. Positive current into terminals. All voltages referenced to GND (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Pulse-testing techniques maintain junction temperature close to ambient temperature. Thermal effects must be taken into account
separately.
V(ILIM)
ILIM bias voltage
0.87
V
I(LIM)
Current limit(2)
R(ILIM) = 150 kΩ, (V(IN) – V(OUT)) = 1 V
0.53
0.58
0.63
A
R(ILIM) = 88.7 kΩ, (V(IN) – V(OUT)) = 1 V
0.9
0.99
1.07
R(ILIM) = 42.2 kΩ, (V(IN) – V(OUT)) = 1 V
1.92
2.08
2.25
R(ILIM) = 20 kΩ, (V(IN) – V(OUT)) = 1 V
4.09
4.45
4.81
R(ILIM) = 16.9 kΩ, (V(IN) – V(OUT)) = 1 V
4.78
5.2
5.62
R(ILIM) = OPEN, Open resistor current limit (single point
failure test: UL60950)
0.35
0.45
0.55
R(ILIM) = SHORT, Shorted resistor current limit (single
point failure test: UL60950)
0.55
0.67
0.8
I(DEVSLP(LIM))
DevSleep mode current limit
0.55
0.67
0.8
A
IOS
Short-circuit current limit (2)
R(ILIM) = 42.2 kΩ, V(VIN) = 12 V, (V(IN) – V(OUT)) = 5 V
1.91
2.07
2.24
A
R(ILIM) = 20 kΩ, V(VIN) = 12 V, (V(IN) – V(OUT)) = 5 V
4
4.4
4.7
R(ILIM) = 16.9 kΩ, V(VIN) = 12 V, (V(IN) – V(OUT)) = 5 V
4.7
5.11
5.52
I(FASTRIP)
Fast-trip comparator threshold(1)(2)
1.5 x
I(LIM) +
0.375
A
CURRENT MONITOR OUTPUT (IMON)
GAIN(IMON)
Gain factor I(IMON):I(OUT)
1 A
≤ I(OUT) ≤ 5 A
47.78
52.3
57.23
µA/A
MOSFET – POWER SWITCH
RON
IN to OUT - ON resistance
1 A
≤ I(OUT) ≤ 5 A, TJ = 25°C
34
42
49
mΩ
1 A
≤ I(OUT) ≤ 5 A, –40°C ≤ TJ ≤ +85°C
26
42
58
1 A
≤ I(OUT) ≤ 5 A, –40°C ≤ TJ ≤ +125°C
26
42
64
PASS FET OUTPUT (OUT)
Ilkg(OUT)
OUT leakage current in off state
V(IN) = 18 V, V(EN/UVLO) = 0 V, V(OUT) = 0 V (sourcing)
–2
0
2
µA
V(IN) = 2.7 V, V(EN/UVLO) = 0 V, V(OUT) = 18 V (sinking)
6
13
20
V(REVTH)
V(IN) – V(OUT) threshold for reverse
protection comparator, falling
–77
–66
–55
mV
V(FWDTH)
V(IN) – V(OUT) threshold for reverse
protection comparator, rising
86
100
114
mV
FAULT FLAG (FLT): ACTIVE LOW
R(FLT)
FLT internal pull-down resistance
V(OVP) = 2 V, I(FLT) = 5 mA sinking
10
18
30
Ω
I(FLT)
FLT input leakage current
0 V
≤ V(FLT) ≤ 18 V
–1
0
1
µA
POSITIVE INPUT for POWER-GOOD COMPARATOR (PGTH)
V(PGTHR)
PGTH threshold voltage, rising
0.97
0.99
1.01
V
V(PGTHF)
PGTH threshold voltage, falling
0.9
0.92
0.94
V
I(PGTH)
PGTH input leakage current
0 V
≤ V(PGTH) ≤ 18 V
–100
0
100
nA
POWER-GOOD COMPARATOR OUTPUT (PGOOD): ACTIVE HIGH
R(PGOOD)
PGOOD internal pull-down
resistance
V(PGTH) = 0V, I(PGOOD) = 5 mA sinking
10
20
35
Ω
I(PGOOD)
PGOOD input leakage current
0 V
≤ V(PGOOD) ≤ 18 V
–1
0
1
µA
THERMAL SHUT DOWN (TSD)
T(TSD)
TSD threshold(1)
160
°C
T(TSDhys)
TSD hysteresis(1)
12
°C
Thermal fault response
TPS25940-Q1
Auto-retry
TPS25940L-Q1
Latch-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com