Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 6Page - Texas Instruments TPS25940 Datasheet HTML 7Page - Texas Instruments TPS25940 Datasheet HTML 8Page - Texas Instruments TPS25940 Datasheet HTML 9Page - Texas Instruments TPS25940 Datasheet HTML 10Page - Texas Instruments TPS25940 Datasheet HTML 11Page - Texas Instruments TPS25940 Datasheet HTML 12Page - Texas Instruments TPS25940 Datasheet HTML 13Page - Texas Instruments TPS25940 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Temperature (qC)
-50
0
50
100
150
200
0
1
2
3
4
5
6
D030
150 k:
88.6 k:
42.4 k:
20 k:
16.9 k:
7.5
8.0
8.5
9.0
9.5
0
1
2
3
4
5
6
Current Limit(A)
C014
0
1
10
100
1000
1
10
100
1000
C
(dVdT) (nF)
C014
0
1
10
10
100
R
(ILIM) Resistor (k:)
C014
0.9
1.0
1.1
1.2
±50
±20
10
40
70
100
130
Temperature (oC)
C014
11.82
11.83
11.84
11.85
11.86
11.87
11.88
11.89
11.90
±50
±20
10
40
70
100
130
Temperature (oC)
C014
10
TPS25940-Q1
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
www.ti.com
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Conditions are –40°C
≤ TA = TJ ≤ 125°C, V(IN) = 12 V, V(EN/UVLO) = 2 V, V(OVP) = V(DEVSLP) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ,
C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. (unless stated otherwise)
Figure 13. DEVSLP Pull Down Current vs Temperature
Figure 14. GAIN(dVdT) vs Temperature
Figure 15. Output Ramp Time vs C(dVdT)
Figure 16. Current Limit vs Current Limit Resistor
Figure 17. Current Limit Accuracy vs Current Limit
Figure 18. Current Limit vs Temperature Across R(ILIM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com