Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 1 Page - Texas Instruments

  TPS25940 Datasheet HTML 1Page - Texas Instruments TPS25940 Datasheet HTML 2Page - Texas Instruments TPS25940 Datasheet HTML 3Page - Texas Instruments TPS25940 Datasheet HTML 4Page - Texas Instruments TPS25940 Datasheet HTML 5Page - Texas Instruments TPS25940 Datasheet HTML 6Page - Texas Instruments TPS25940 Datasheet HTML 7Page - Texas Instruments TPS25940 Datasheet HTML 8Page - Texas Instruments TPS25940 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
CdVdT
R1
R2
R3
42
PŸ
IN
OUT
GND
TPS25940-Q1
ILIM
IMON
RILIM
*
CIN
5 V Power Bus
COUT
R4
EN/UVLO
OVP
IN
dVdT
OUT
DEVSLP
USB Connector
FLT
VBUS
D-
D+
GND
PGTH
PGOOD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TPS25940-Q1
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
–
Device HBM ESD Classification Level 2
–
Device CDM ESD Classification Level C5
•
2.7-V to 18-V Operating Voltage, 20 V (Maximum)
•
Total RON: 42 mΩ (Typical)
•
0.6-A to 5.3-A Adjustable Current Limit (±8%)
•
IMON Current Indicator Output (±8%)
•
Adjustable Under-, Overvoltage Threshold (±2%)
•
Reverse Current Blocking
•
1-μs Reverse Voltage Shutoff
•
Programmable dVo/dt Control
•
Power Good and Fault Outputs
•
Short-to-Battery Protection
•
Short-to-Ground Protection
•
TPS25940-Q1: Auto-Retry
•
TPS25940L-Q1: Latch-Off
2 Applications
•
Automotive Infotainment
•
ADAS Cameras and Radar Sensors
•
USB Hubs
•
Power MUXing
•
Holdup Power Management
3 Description
The TPS25940x-Q1 eFuse Power Switches are
compact, feature rich power management devices
with a full suite of protection functions. The wide
operating range allows control of many popular DC
bus voltages. Integrated back-to-back FETs provide
bidirectional current control making the device well
suited for systems with load side holdup energy that
must not drain back to a failed supply bus.
Load, source and device protection are provided with
many programmable features including overcurrent,
dVo/dt
ramp
and
overvoltage,
undervoltage
thresholds.
For
system
status
monitoring
and
downstream
load
control,
the
device
provides
PGOOD, FLT and precise current monitor output.
Precise
programmable
undervoltage,
overvoltage
thresholds and mode simplify power management
design.
The TPS25940x-Q1 monitor V(IN) and V(OUT) to
provide true reverse current blocking when V(IN) <
(V(OUT) – 66 mV). This function supports supply bus
protection from over-voltages during output short to
battery faults.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS25940-Q1
WQFN (20)
3.00 mm x 4.00 mm
TPS25940L-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Output Short-to-Battery Detection and Protection


Similar Part No. - TPS25940

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
2Mb / 47P
18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI-TPS25940-Q1 Datasheet
3Mb / 50P
TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI2-TPS25940-Q1 Datasheet
2Mb / 47P
TPS25940x 2.7 – 18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
REVISED MARCH 2015
More results

Similar Description - TPS25940

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
4.5V to 18-V eFuse with Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
4.5-V to 18-V eFuse with Blocking FET Control
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS2595 TI1-TPS2595 Datasheet
5Mb / 48P
2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2596 TI1-TPS2596 Datasheet
3Mb / 39P
2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
TPS25940-Q1 TI-TPS25940-Q1_V01 Datasheet
3Mb / 50P
TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
logo
Texas Instruments
TPS25961 TI-TPS25961 Datasheet
3Mb / 37P
TPS25961 2.7-V–19-V, 106-mΩ, eFuse With Adjustable Current Limit and Short-Circuit Protection
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com