Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 17Page - Texas Instruments TPS25940 Datasheet HTML 18Page - Texas Instruments TPS25940 Datasheet HTML 19Page - Texas Instruments TPS25940 Datasheet HTML 20Page - Texas Instruments TPS25940 Datasheet HTML 21Page - Texas Instruments TPS25940 Datasheet HTML 22Page - Texas Instruments TPS25940 Datasheet HTML 23Page - Texas Instruments TPS25940 Datasheet HTML 24Page - Texas Instruments TPS25940 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
(OUT)
(IN)
ON
(OUT)
=
- (R
× I
)
V
V
(IMON)
(OUT)
(IMON)
(IMON_OS)
(IMON)
V
= I
x GAIN
I
x R
é
ù
+
ë
û
(IN)
(IMONmax)
(LIM)
(IMON)
- 2.2, 6)
R
=
x GAIN
minimum (V
1.6 x I
21
TPS25940-Q1
www.ti.com
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.6 Current Monitoring
The current source at IMON terminal is configured to be proportional to the current flowing from IN to OUT. This
current can be converted to a voltage using a resistor R(IMON) from IMON terminal to GND terminal. This voltage,
computed using Equation 6, can be used as a means of monitoring current flow through the system.
The maximum voltage range for monitoring the current (V(IMONmax)) is limited to minimum([V(IN) – 2.2 V], 6 V) to
ensure linear output. This puts limitation on maximum value of R(IMON) resistor and is determined by Equation 5.
(5)
The output voltage at IMON terminal is calculated from Equation 6.
where
•
GAIN(IMON) = Gain factor I(IMON):I(OUT) = 52 µA/A
•
I(OUT) = Load current
•
I(IMON_OS) = 0.8 µA (typical)
(6)
This pin must not have a bypass capacitor to avoid delay in the current monitoring information.
The voltage at IMON pin can be digitized using an ADC (such as ADS1100, SBAS239) to read the current
monitor information over an I2C bus.
8.3.7 Power Good Comparator
The device incorporates a Power Good comparator for co-ordination of status to downstream DC-DC converters
or system monitoring circuits. The comparator has an internal reference of V(PGTHR) = 0.99 V at negative terminal
and positive terminal PGTH can be utilized for monitoring of either input or output of the device. The comparator
output PGOOD is an open-drain active high signal, which can be used to indicate the status to downstream units.
PGOOD is asserted high when internal FET is fully enhanced and PGTH pin voltage is higher than internal
reference V(PGTHR).
The PGOOD signal has deglitch time incorporated to ensure that internal FET is fully enhanced before heavy
load is applied by downstream converters. Rising de-glitch delay is determined by Equation 7.
tPGOOD(degl) = Maximum{(3.5 x 10
6 x C
(dVdT)), tPGOODR}
(7)
Connect the PGOOD pin with a pull up resistor to Input or Output voltage rail. PGOOD may be left open or tied
to ground when not used.
8.3.8 IN, OUT and GND Pins
The device has multiple pins for input (IN) and output (OUT).
All IN pins must be connected together and to the power source. A ceramic bypass capacitor close to the device
from IN to GND is recommended to alleviate bus transients. The recommended operating voltage range is
2.7 V – 18 V.
Similarly all OUT pins must be connected together and to the load. V(OUT) in the ON condition, is calculated using
Equation 8.
(8)
where, RON is the total ON resistance of the internal FET.
GND terminal is the most negative voltage in the circuit and is used as a reference for all voltage reference
unless otherwise specified.
8.3.9 Thermal Shutdown
Internal over temperature shutdown disables turns off the FET when TJ > 160°C (typical). The TPS25940L-Q1
version stays latched off, whereas TPS25940-Q1 commences an auto-retry cycle128 ms after TJ drops below
[T(TSD) – 12°C]. During the thermal shutdown, the fault pin FLT pulls low to signal a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com