Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 9Page - Texas Instruments TPS25940 Datasheet HTML 10Page - Texas Instruments TPS25940 Datasheet HTML 11Page - Texas Instruments TPS25940 Datasheet HTML 12Page - Texas Instruments TPS25940 Datasheet HTML 13Page - Texas Instruments TPS25940 Datasheet HTML 14Page - Texas Instruments TPS25940 Datasheet HTML 15Page - Texas Instruments TPS25940 Datasheet HTML 16Page - Texas Instruments TPS25940 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
0.1
1
10
100
1000
10000
100000
1
10
100
Power Dissipation (W)
-40C
25C
85C
125C
C014
T
A = -40
oC
T
A = 25
oC
T
A = 85
oC
T
A = 125
oC
13
TPS25940-Q1
www.ti.com
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Conditions are –40°C
≤ TA = TJ ≤ 125°C, V(IN) = 12 V, V(EN/UVLO) = 2 V, V(OVP) = V(DEVSLP) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ,
C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. (unless stated otherwise)
Taken on 2-Layer board, 2 oz.(0.08-mm thick) with GND plane
area: 14 cm2 (Top) and 20 cm2 (bottom)
Figure 31. Thermal Shutdown Time vs Power Dissipation
V(IN) = 4.5 V
Figure 32. Turn ON with Enable
V(IN) = 11 V
Figure 33. Turn ON and OFF with Enable
R(FLT)=100 kΩ
Figure 34. EN Turn ON Delay : EN
↑ to Output Ramp ↑
R(FLT)=100 kΩ
Figure 35. EN Turn OFF Delay : EN
↓ to Fault ↓
V(IN) = 12 V
RL = 12 Ω
R(FLT)=100 kΩ
Figure 36. OVP Turn OFF Delay: OVP
↑ to Fault ↓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com