Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 5Page - Texas Instruments TPS25940 Datasheet HTML 6Page - Texas Instruments TPS25940 Datasheet HTML 7Page - Texas Instruments TPS25940 Datasheet HTML 8Page - Texas Instruments TPS25940 Datasheet HTML 9Page - Texas Instruments TPS25940 Datasheet HTML 10Page - Texas Instruments TPS25940 Datasheet HTML 11Page - Texas Instruments TPS25940 Datasheet HTML 12Page - Texas Instruments TPS25940 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
1.0
1.4
1.8
2.2
2.6
3.0
±50
±20
10
40
70
100
130
Temperature (oC)
C014
0.9
1.1
1.3
1.5
1.7
1.9
2.1
±50
±20
10
40
70
100
130
Temperature (
oC)
DEVSLP R
DEVLSLP F
C014
V
(DEVSLPR)
V
(DEVSLPF)
50
100
150
200
250
300
±50
±20
10
40
70
100
130
Temperature (oC)
C014
1.0
1.4
1.8
2.2
2.6
3.0
±50
±20
10
40
70
100
130
Temperature (oC)
C014
0.40
0.45
0.50
0.55
0.60
±50
±20
10
40
70
100
130
Temperature (oC)
EN Rising
EN Falling
C014
V
(SHUTR)
V
(SHUTF)
0.90
0.92
0.94
0.96
0.98
1.00
±50
±20
10
40
70
100
130
Temperature (oC)
PGTH Rising
PGTH Falling
C014
V
(PGTHR)
V
(PGHTF)
9
TPS25940-Q1
www.ti.com
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Conditions are –40°C
≤ TA = TJ ≤ 125°C, V(IN) = 12 V, V(EN/UVLO) = 2 V, V(OVP) = V(DEVSLP) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ,
C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. (unless stated otherwise)
Figure 7. PGTH Threshold Voltage vs Temperature
Figure 8. EN Threshold Voltage for Low IQ Mode vs
Temperature
Figure 9. Enable Turn ON Delay vs Temperature
Figure 10. Enable Turn OFF Delay vs Temperature
Figure 11. OVP Disable Delay vs Temperature
Figure 12. DEVSLP Threshold Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com