Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 4 Page - Texas Instruments

  TPS25940 Datasheet HTML 1Page - Texas Instruments TPS25940 Datasheet HTML 2Page - Texas Instruments TPS25940 Datasheet HTML 3Page - Texas Instruments TPS25940 Datasheet HTML 4Page - Texas Instruments TPS25940 Datasheet HTML 5Page - Texas Instruments TPS25940 Datasheet HTML 6Page - Texas Instruments TPS25940 Datasheet HTML 7Page - Texas Instruments TPS25940 Datasheet HTML 8Page - Texas Instruments TPS25940 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
TPS25940-Q1
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
www.ti.com
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Assumes 15 K power-on-hours at 100% duty cycle. This information is provided solely for your convenience and does not extend or
modify the warranty provided under TI's standard terms and conditions for TI's semiconductor products.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
IN, OUT, PGTH, PGOOD, EN/UVLO, OVP, DEVSLP, FLT
–0.3
20
V
IN, OUT (10 ms transient)
22
dVdT, ILIM
–0.3
3.6
IMON
–0.3
7
Sink current
PGOOD, FLT, dVdT
10
mA
Maximum continuous switch current,
TA = 85°C
(2)
IMAX
4.78
A
Source current
dVdT, ILIM, IMON
Internally Limited
Continuous power dissipation
See the Thermal Information table
Maximum junction temperature
TJ
–40
150
°C
Storage temperature
Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±3000
V
Charged-device model (CDM), per AEC Q100-011
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM MAX
UNIT
IN
Input voltage
2.7
18
V
EN/UVLO, OVP, DEVSLP, OUT,
PGTH, PGOOD, FLT
0
18
dVdT, ILIM
0
3
IMON
0
6
ILIM
Resistance
16.9
150
kΩ
IMON
1
OUT
External capacitance
0.1
µF
dVdT
470
nF
TJ
Operating junction temperature
–40
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com