Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 28Page - Texas Instruments TPS25940 Datasheet HTML 29Page - Texas Instruments TPS25940 Datasheet HTML 30Page - Texas Instruments TPS25940 Datasheet HTML 31Page - Texas Instruments TPS25940 Datasheet HTML 32Page - Texas Instruments TPS25940 Datasheet HTML 33Page - Texas Instruments TPS25940 Datasheet HTML 34Page - Texas Instruments TPS25940 Datasheet HTML 35Page - Texas Instruments TPS25940 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
CdVdT
R1
R2
R3
42
PŸ
IN
OUT
GND
TPS25940-Q1
ILIM
IMON
RILIM
*
CIN
5 V Power Bus
COUT
R4
EN/UVLO
OVP
IN
dVdT
OUT
DEVSLP
USB Connector
FLT
VBUS
D-
D+
GND
PGTH
PGOOD
32
TPS25940-Q1
SLVSDJ0C – MAY 2016 – REVISED JULY 2018
www.ti.com
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Figure 69. Hot Plug-in with Short on Output: Latched - TPS25940L-Q1
9.2.4 System Examples
9.2.4.1 VBUS Short-to-Battery, Short-to-Ground Protection of USB Port in Automotive Systems
The TPS25940x-Q1 eFuse offers robust protection for the 5 V Power rail of USB ports under faults conditions
like Short-to-Ground, Short-to-Battery and Overload.
5-V Power rail gets disconnected from the output within approximately 200 nsec during short circuit to Ground
fault.
The eFuse monitors the reverse voltage from IN to OUT and when it exceeds –66 mV, it stops the flow of
reverse current. This operation protects the 5-V power rail from Short-to-Battery faults.
Typical application schematic of TPS25940x-Q1 usage in USB port protection for automotive application is
shown in Figure 70.
Figure 70. Automotive USB Hub-Port – VBUS Short to Battery, VBUS Short to GND Protection
Figure 71 and Figure 72 show the performance of TPS25940-Q1 under Short-to-Battery and Short-to-Ground
faults.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com