Electronic Components Datasheet Search
  English  ▼

X  

TPS25940 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 42Page - Texas Instruments TPS25940 Datasheet HTML 43Page - Texas Instruments TPS25940 Datasheet HTML 44Page - Texas Instruments TPS25940 Datasheet HTML 45Page - Texas Instruments TPS25940 Datasheet HTML 46Page - Texas Instruments TPS25940 Datasheet HTML 47Page - Texas Instruments TPS25940 Datasheet HTML 48Page - Texas Instruments TPS25940 Datasheet HTML 49Page - Texas Instruments TPS25940 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
20X
0.25
0.15
1.6 0.1
20X
0.45
0.35
0.8 MAX
(0.2) TYP
0.05
0.00
16X 0.5
2X
2.5
2X 1.5
2.6 0.1
B
3.1
2.9
A
4.1
3.9
0.25
0.15
0.45
0.35
WQFN - 0.8 mm max height
RVC0020A
PLASTIC QUAD FLATPACK - NO LEAD
4219150/B 03/2017
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
6
11
16
7
10
20
17
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
21
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
SCALE 3.700
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com