Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 13Page - Texas Instruments DLPC6421 Datasheet HTML 14Page - Texas Instruments DLPC6421 Datasheet HTML 15Page - Texas Instruments DLPC6421 Datasheet HTML 16Page - Texas Instruments DLPC6421 Datasheet HTML 17Page - Texas Instruments DLPC6421 Datasheet HTML 18Page - Texas Instruments DLPC6421 Datasheet HTML 19Page - Texas Instruments DLPC6421 Datasheet HTML 20Page - Texas Instruments DLPC6421 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
17
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics
(1) (continued)
Over recommended operating conditions
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
IOZ
High-Impedance
leakage current
USB (9)
–10
pF
LVDS (7)
–10
3.3-V LVTTL (1,2,3)
–10
3.3-V I2C (8)
–10
CI
Input capacitance
USB (9)
11.84
17.07
pF
3.3-V LVTTL (1)
3.75
5.52
3.3-V LVTTL (2)
3.75
5.52
3.3-V LVTTL (4)
3.75
5.52
3.3-V I2C (8)
5.26
6.54
ICC11
Supply voltage, 1.1-V core power
Normal Mode
1474
mA
ICC18
Supply voltage, 1.8-V power (LVDS I/O & Internal DRAM)
Normal Mode
1005
mA
ICC33
Supply voltage, 3.3-V I/O power
Normal Mode
33
mA
ICC11_PLLD
Supply voltage, DMD PLL Digital Power (1.1-V)
Normal Mode
4.4
6.2
mA
ICC11_PLLM1
Supply voltage, Master-LS Clock Generator PLL Digital power
(1.1-V)
Normal Mode
4.4
6.2
mA
ICC11_PLLM2
Supply voltage, Master-HS Clock Generator PLL Digital power
(1.1-V)
Normal Mode
4.4
6.2
mA
ICC18_PLLD
Supply voltage, DMD PLL Analog Power (1.8 V)
Normal Mode
8.0
10.2
mA
ICC18_PLLM1
Supply voltage, Master-LS Clock Generator PLL Analog
power (1.8-V)
Normal Mode
8.0
10.2
mA
ICC18_PLLM2
Supply voltage, Master-HS Clock Generator PLL Analog
power (1.8-V)
Normal Mode
8.0
10.2
mA
ICC11_PLLS
Supply voltage, Video-2X PLL Analog Power (1.1-V)
Normal Mode
2.9
mA
Total Power
Normal Mode
3.73
W
(1)
The frequency range for MOSC is 20 MHz with ±100 PPM accuracy (This shall include impact to accuracy due to aging, temperature
and trim sensitivity). The MOSC input can not support spread spectrum clock spreading.
(2)
Applies only when driven via an external digital oscillator.
6.6 System Oscillators Timing Requirements
Over operating free-air temperature range(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
SYSTEM OSCILLATORS
fclock
Clock frequency, MOSC(1)
19.998
20.002
MHz
tc
Cycle time, MOSC(1)
49.995
50.005
MHz
tw(H)
Pulse duration(2), MOSC, high
50% to 50% reference points
(signal)
20
ns
tw(L)
Pulse duration(2), MOSC, low
50% to 50% reference points
(signal)
20
ns
tt
Transition time(2), MOSC, tt = tf/tr
20% to 80% reference points
(signal)
12
ns
tjp
Period Jitter(2), MOSC (This is the deviation
in period from the ideal period due solely to
high frequency jitter).
18
ps
6.7 Test and Reset Timing Requirements
Parameter
MIN
MAX
UNIT
t W1(L)
Pulse duration, inactive low, PWRGOOD
50% to 50% reference points
(signal)
4.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com