Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 29Page - Texas Instruments DLPC6421 Datasheet HTML 30Page - Texas Instruments DLPC6421 Datasheet HTML 31Page - Texas Instruments DLPC6421 Datasheet HTML 32Page - Texas Instruments DLPC6421 Datasheet HTML 33Page - Texas Instruments DLPC6421 Datasheet HTML 34Page - Texas Instruments DLPC6421 Datasheet HTML 35Page - Texas Instruments DLPC6421 Datasheet HTML 36Page - Texas Instruments DLPC6421 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
1.1 V
(ASIC PLL)
3.3 V
(ASIC I/O)
1.8 V
(LVDS I/O & Internal
DRAM)
1.8 V
(ASIC PLL)
1.1 V
(ASIC Core)
POSENSE
33
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Power Supply Recommendations
9.1 System Power Regulations
TI strongly recommends that the VDD18_PLLD, VDD18_PLLM1, and VDD18_PLLM2 power feeding internal
PLLs be derived from an isolated linear regulator in order to minimize the AC noise component. It is acceptable
for VDD11_PLLD, VDD11_PLLM1, VDD11_PLLM2, and VDD11_PLLS to be derived from the same regulator as
the core VDD11, but they should be filtered.
9.2 System Power-Up Sequence
Although the DLPC6421 controller requires an array of power supply voltages (1.1 V, 1.8 V, 3.3 V), there are no
restrictions regarding the relative order of power supply sequencing. This is true for both power-up and power-
down scenarios. Similarly, there is no minimum time between powering-up or powering-down the different
supplies feeding the DLPC6421 controller. However, note that it is not uncommon for there to be power
sequencing requirements for the devices that share the supplies with the DLPC6421 controller.
•
1.1-V core power should be applied whenever any I/O power is applied. This ensures the state of the
associated I/O that are powered are controlled to a known state. Thus, TI recommends applying core power
first. Other supplies should be applied only after the 1.1-V core has ramped up.
•
All DLPC6421 device power should be applied before POSENSE is asserted to ensure proper power-up
initialization is performed.
It is assumed that all DLPC6421 device power-up sequencing is handled by external hardware. It is also
assumed that an external power monitor will hold the DLPC6421 device in system reset during power-up (i.e.
POSENSE = 0). During this time all DLPC6421 device I/O will be tri-stated. The master PLL (PLLM1) is released
from reset upon the low to high transition of POSENSE but the DLPC6421 device keeps the rest of the device in
reset for an additional 60 ms to allow the PLL to lock and stabilize its outputs. After this 60 ms delay the ARM-9
related internal resets will be de-asserted causing the microprocessor to begin its boot-up routine. PROJ_ON is
used to trigger the final step of the boot up routine, polling of GPIO_56 (I2C_BUSY/SYSTEM_BUSY) can be
used by the front end to determine when to assert PROJ_ON.
Figure 13. System Power-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com