Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 33Page - Texas Instruments DLPC6421 Datasheet HTML 34Page - Texas Instruments DLPC6421 Datasheet HTML 35Page - Texas Instruments DLPC6421 Datasheet HTML 36Page - Texas Instruments DLPC6421 Datasheet HTML 37Page - Texas Instruments DLPC6421 Datasheet HTML 38Page - Texas Instruments DLPC6421 Datasheet HTML 39Page - Texas Instruments DLPC6421 Datasheet HTML 40Page - Texas Instruments DLPC6421 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
37
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Layout Guidelines (continued)
High frequency decoupling is required for both 1.1-V and 1.8-V PLL supplies and should be provided as close as
possible to each of the PLL supply package pins. TI recommends placing decoupling capacitors under the
package on the opposite side of the board. Use high quality, low-ESR, monolithic, surface mount capacitors.
Typically 0.1µF for each PLL supply should be sufficient. The length of a connecting trace increases the parasitic
inductance of the mounting and thus, where possible, there should be no trace, allowing the via to butt up
against the land itself. Additionally, the connecting trace should be made as wide as possible. Further
improvement can be made by placing vias to the side of the capacitor lands or doubling the number of vias.
The location of bulk decoupling depends on the system design.
10.1.2 DMD Interface Considerations
High speed interface waveform quality and timing on the DLPC6421 device (i.e. the LVDS DMD interface) is
dependent on the total length of the interconnect system, the spacing between traces, the characteristic
impedance, etch losses, and how well matched the lengths are across the interface. Thus ensuring positive
timing margin requires attention to many factors.
As an example, DMD Interface system timing margin can be calculated as follows:
•
Setup Margin = (DLPC6421 output setup) – (DMD input setup) – (PCB routing mismatch) – (PCB SI
degradation)
•
Hold-time Margin = (DLPC6421 output hold) – (DMD input hold) – (PCB routing mismatch) – (PCB SI
degradation)
Where PCB SI degradation is signal integrity degradation due to PCB effects, which include simultaneously
switching output (SSO) noise, cross-talk and inter-symbol interference (ISI) noise. The DLPC6421 device I/O
timing parameters as well as DMD I/O timing parameters can be easily found in their corresponding datasheets.
Similarly, PCB routing mismatch can be budgeted and met through controlled PCB routing. However, PCB SI
degradation is not so straight forward.
In an attempt to minimize the signal integrity analysis that would otherwise be required, the following PCB design
guidelines are provided as a reference of an interconnect system that satisfies both waveform quality and timing
requirements (accounting for both PCB routing mismatch and PCB SI degradation). Variation from these
recommendations may also work, but should be confirmed with PCB signal integrity analysis or lab
measurements
PDB Design:
● Configuration
Asymmetric Dual Stripline
● Etch Thickness
1.0 oz copper (1.2 mil)
● Flex Etch Thickness
0.5 oz copper (0.6 mil)
● Single Ended Signal Impedance
50 ohms (+/- 10%)
● Differential Signal Impedance
100 ohms differential (+/- 10%)
PCB Stackup:
● Reference plane 1 is assumed to be a ground plane for
proper return path
● Reference plane 2 is assumed to be the I/O power plane
or ground
● Dielectric FR4, (Er):
4.2 (nominal)
● Signal trace distance to reference plane 1 (H1)
5.0 mil (nominal)
● Signal trace distance to reference plane 2 (H2)
34.2 mil (nominal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com