Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 15Page - Texas Instruments DLPC6421 Datasheet HTML 16Page - Texas Instruments DLPC6421 Datasheet HTML 17Page - Texas Instruments DLPC6421 Datasheet HTML 18Page - Texas Instruments DLPC6421 Datasheet HTML 19Page - Texas Instruments DLPC6421 Datasheet HTML 20Page - Texas Instruments DLPC6421 Datasheet HTML 21Page - Texas Instruments DLPC6421 Datasheet HTML 22Page - Texas Instruments DLPC6421 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
19
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.8 JTAG Interface: I/O Boundary Scan Application Timing Requirements
Parameter
MIN
MAX
UNIT
fclock
Clock frequency, TCK
10
MHZ
t C
Cycle time, TCK
100
ns
tW(H)
Pulse duration, high
50% to 50% reference points
(signal)
40
ns
tW(L)
Pulse duration, low
50% to 50% reference points
(signal)
40
ns
tt
Transition time, tt= tf/tr
20% to 80% reference points
(signal)
5
ns
tSU
Setup time, TDI valid before TCK
↑
8
ns
th
Hold time, TDI valid after TCK
↑
2
ns
tSU
Setup time, TMS1 valid before TCK
↑
8
ns
th
Hold time, TMS1 valid before TCK
↑
2
ns
(1)
For frequencies (fclock) less than 175 MHZ, use following formula to obtain the jitter: Max Clock Jitter = +/- [(1/ƒclock) – 5414 ps]
(2)
ALF_CSYNC, ALF_VSYNC and ALF_HSYNC are Asynchronous signals.
6.9 Port 1 Input Pixel Timing Requirements
Parameter
TEST CONDITIONS
MIN
MAX
UNIT
fclock
Clock frequency, P_CLK1, P_CLK2, P_CLK3 (30-bit bus)
12
175
MHz
fclock
Clock frequency, P_CLK1, P_CLK2, P_CLK3 (60-bit bus)
12
160
MHz
tC
Cycle Time, P_CLK1, P_CLK2, P_CLK3
5.714
83.33
ns
tW(H)
Pulse Duration, high
50% to 50% reference points
(signal)
2.3
ns
tW(L)
Pulse Duration, low
50% to 50% reference points
(signal)
2.3
ns
tjp
Clock period jitter, P_CLK1, P_CLK2, P_CLK3
Max ƒclock
See (1)
ps
tt
Transition time, tt=tf/tr, P_CLK1, P_CLK2, P_CLK3
20% to 80% reference points
(signal)
0.6
2.0
ns
tt
Transition time, tt=tf/tr, P1_A(9-0), P1_B(9-0), P1_C(9-0),
P1_HSYNC, P1_VSYNC, P1_DATAEN
20% to 80% reference points
(signal)
0.6
3.0
ns
tt
Transition time, tt=tf/tr, ALF_HSYNC, ALF_VSYNC,
ALF_CSYNC(2)
20% to 80% reference points
(signal)
0.6
3.0
ns
SETUP AND HOLD TIMES
tsu
Setup time, P1_A(9-0), valid before P_CLK1
↑↓,
P_CLK2
↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P1_A(9-0), valid before P_CLK1
↑↓, P_CLK2↑↓,
or P_CLK3
↑↓
0.8
ns
tsu
Setup time, P1_B(9-0), valid before P_CLK1
↑↓,
P_CLK2
↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P1_B(9-0), valid before P_CLK1
↑↓, P_CLK2↑↓,
or P_CLK3
↑↓
0.8
ns
tsu
Setup time, P1_C(9-0), valid before P_CLK1
↑↓,
P_CLK2
↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P1_C(9-0), valid before P_CLK1
↑↓, P_CLK2↑↓,
or P_CLK3
↑↓
0.8
ns
tsu
Setup time, P1_VSYNC, valid before P_CLK1
↑↓,
P_CLK2
↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P1_VSYNC valid before P_CLK1
↑↓,
P_CLK2
↑↓, or P_CLK3↑↓
0.8
ns
tsu
Setup time, P1_HSYNC, valid before P_CLK1
↑↓,
P_CLK2
↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P1_HSYNC valid before P_CLK1
↑↓,
P_CLK2
↑↓, or P_CLK3↑↓
0.8
ns
tsu
Setup time, P2_A(9-0), valid before P_CLK1
↑↓,
P_CLK2
↑↓, or P_CLK3↑↓
0.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com