Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 30Page - Texas Instruments DLPC6421 Datasheet HTML 31Page - Texas Instruments DLPC6421 Datasheet HTML 32Page - Texas Instruments DLPC6421 Datasheet HTML 33Page - Texas Instruments DLPC6421 Datasheet HTML 34Page - Texas Instruments DLPC6421 Datasheet HTML 35Page - Texas Instruments DLPC6421 Datasheet HTML 36Page - Texas Instruments DLPC6421 Datasheet HTML 37Page - Texas Instruments DLPC6421 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
DLPC6421
DLPS117 – JULY 2018
www.ti.com
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.3 Power-On Sense (POSENSE) Support
It is difficult to set up a power monitor to trip exactly on the DLPC6421 device minimum supply voltage spec.
Thus for practical reasons, TI recommends that the external power monitor generating POSENSE target its
threshold to 90% of the minimum supply voltage specs and ensure that POSENSE remain low a sufficient
amount of time for all supply voltages to reach minimum device requirements and stabilize. Note that the trip
voltage for detecting the loss of power, as well as the reaction time to respond to a low voltage condition is not
critical for POSENSE as PWRGOOD is used for this purpose. As such, PWRGOOD has critical requirements in
these areas.
9.4 System Environment and Defaults
9.4.1 DLPC6421 System Power-Up and Reset Default Conditions
Following system power-up, the DLPC6421 device performs a power-up initialization routine that defaults the
device to it’s normal power mode, in which ARM9-related clocks are enabled at their full rate and associated
resets are released. Most other clocks default to disabled state with associated resets asserted until released by
the processor. In addition, the default for system power gating enables all power. These same defaults are also
applied as part of all system reset events (Watch Dog timer timeout, reset, etc) that occur without removing or
cycling power, with the possible exception of power for the LVDS I/O and internal DRAM.
Following power-up or system reset initialization, the ARM9 boots from an external flash memory after which it
enables the rest of the DLPC6421 clocks, and initializes the internal DRAM.
9.4.2 1.1-V System Power
The DLPC6421 device can support a low cost power delivery system with a single 1.1-V power source derived
from a switching regulator. To enable this approach, appropriate filtering must be provided for the 1.1-V power
pins of the PLLs.
9.4.3 1.8-V System Power
TI recommends that the DLPC6421 device power delivery system provide two independent 1.8-V power sources.
One of the 1.8-V power sources should be used to supply 1.8-V power to the DLPC6421 device LVDS I/O and
internal DRAM. Power for these functions should always be fed from a common source which is recommended
to be linear regulator. The second 1.8-V power source should be used (along with appropriate filtering as
discussed in the PCB layout guidelines for internal DLPC6421 PLL power section of this document) to supply all
of the DLPC6421 device internal PLLs. In order to keep this power as clean as possible, TI highly recommends a
dedicated linear regulator for the 1.8-V power to the PLLs.
9.4.4 3.3-V System Power
The DLPC6421 device can support a low cost power delivery system with a single 3.3-V power sources derived
from a switching regulator. This 3.3-V power will supply all LVTTL I/O and the Crystal Oscillator cell. 3.3-V power
should remain active in all power modes for which 1.1-V core power is applied.
9.4.5 Power Good (PWRGOOD) Support
The PWRGOOD signal is defined as an early warning signal that alerts the DLPC6421 device a specified amount
of time before the DC supply voltages drop below specifications. This allows the DLPC6421 device to park the
DMD and to place the system into reset, ensuring the integrity of future operation. For practical reasons, TI
recommends that the monitor sensing PWRGOOD be on the input side of supply regulators.
9.4.6 I2C BUSY (I2C_BUSY)
The I2C_BUSY signal indicates when the system is ready to accept incoming commands from the front end,
polling is recommended to ensure all I2C transactions are accepted and processed.
9.4.7 5V Tolerant Support
With the exception of USB_DAT, the DLPC6421 device does not support any other 5V tolerant I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com