Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 20Page - Texas Instruments DLPC6421 Datasheet HTML 21Page - Texas Instruments DLPC6421 Datasheet HTML 22Page - Texas Instruments DLPC6421 Datasheet HTML 23Page - Texas Instruments DLPC6421 Datasheet HTML 24Page - Texas Instruments DLPC6421 Datasheet HTML 25Page - Texas Instruments DLPC6421 Datasheet HTML 26Page - Texas Instruments DLPC6421 Datasheet HTML 27Page - Texas Instruments DLPC6421 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
tc
tw(H)
SSPx_CLK
(ASIC output)
50%
80%
20%
50%
50%
tw(L)
tt
Valid
SSPx_DO
(ASIC output)
tpd(max)
tpd(min)
Valid
tsu
Valid
SSPx_DI
(ASIC input)
th
Valid
50%
Valid
SSPx_CSZ
tc
tw(H)
tsu
P_CLKx or
Px_CLK
(input)
Valid
Px_Data &
Px_Control
(inputs)
50%
80%
20%
50%
50%
tw(L)
tt
th
OCLKA
OCLKB
OCLKC
50%
80%
20%
50%
50%
tc
tw(H)
tw(L)
tt
80%
20%
tt
tc
tw(H)
tsu
TCK
(input)
Valid
TDI
TMS1
(inputs)
50%
80%
20%
50%
Valid
TDO1
(outputs)
50%
tw(L)
tt
th
tpd(max)
24
DLPC6421
DLPS117 – JULY 2018
www.ti.com
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 4. I/O Boundary Scan
Figure 5. Programmable Output Clocks
Figure 6. Port1, Port2, and Port3 Input Interface
Figure 7. Synchronous Serial Port Interface - Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com