Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 7Page - Texas Instruments DLPC6421 Datasheet HTML 8Page - Texas Instruments DLPC6421 Datasheet HTML 9Page - Texas Instruments DLPC6421 Datasheet HTML 10Page - Texas Instruments DLPC6421 Datasheet HTML 11Page - Texas Instruments DLPC6421 Datasheet HTML 12Page - Texas Instruments DLPC6421 Datasheet HTML 13Page - Texas Instruments DLPC6421 Datasheet HTML 14Page - Texas Instruments DLPC6421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Configurations and Functions (continued)
PIN
(1)
I/O
(2)
DESCRIPTION
NAME
NO.
GPIO_13
C21
B2
N/A
I2C_2 SDA (B)
GPIO_12
B22
B2
N/A
I2C_2 SCL (B)
GPIO_11
A23
B2
N/A
N/A
GPIO_10
A22
B2
N/A
N/A
GPIO_9
B21
B2
N/A
N/A
GPIO_8
A21
B2
N/A
N/A
GPIO_7
A20
B2
N/A
N/A
GPIO_6
C20
B2
N/A
N/A
GPIO_5
B20
B2
N/A
N/A
GPIO_4
B19
B2
N/A
N/A
GPIO_3
A19
B2
N/A
N/A
GPIO_2
E18
B2
N/A
N/A
GPIO_1
D19
B2
N/A
N/A
GPIO_0
C19
B2
N/A
N/A
CLOCK and PLL SUPPORT
MOSC
M26
I10
System clock oscillator input (3.3-V LVTTL). Note that MOSC must be stable a
maximum of 25ms after POSENSE transitions from low to high.
MOSCN
N26
O10
MOSC crystal return
OCLKA
AF6
O5
General purpose output clock A.
DUAL CONTROLLER SUPPORT
SEQ_SYNC
AB9
B3
Sequence Sync. This signal is used in multi controller configurations only, in which
case the SEQSYNC signal from each controller should be connected together with
an external pull-up. This signal should either be pulled high or pulled low and not
allowed to float for single controller configurations.
POWER and GROUND
VDD33
F20, F17, F11, F8, L21, R21,
Y21, AA19, AA16, AA10, AA7
POWER
3.3-V I/O Power
VDD18
C1, F5, G6, K6, M5, P5, T5,
W6, AA5, AE1, H5, N6, T6,
AA13, U21, P21, H21, F14
POWER
1.8-V Internal DRAM & LVDS I/O Power
VDD11
F19, F16, F13, F10, F7, H6,
L6, P6, U6, Y6, AA8, AA11,
AA14, AA17, AA20, W21, T21,
N21, K21, G21, L11, T11, T16,
L16
POWER
1.1-V Core Power
VDD_PLLD
L22
POWER
1.1-V DMD clock generator PLL digital power
VSS_PLLD
L23
GROUND
1.1-V DMD clock generator PLL digital ground
VAD_PLLD
K25
POWER
1.8-V DMD clock generator PLL analog power
VAS_PLLD
K26
GROUND
1.8-V DMD clock generator PLL analog ground
VDD_PLLM1
L26
POWER
1.1-V Master-LS clock generator PLL digital power
VSS_PLLM1
M22
GROUND
1.1-V Master-LS clock generator PLL digital ground
VAD_PLLM1
L24
POWER
1.8-V Master-LS clock generator PLL analog power
VAS_PLLM1
L25
GROUND
1.8-V Master-LS clock generator PLL analog ground
VDD_PLLM2
P23
POWER
1.1-V Master-HS clock generator PLL digital power
VSS_PLLM2
P24
GROUND
1.1-V Master-HS clock generator PLL digital ground
VAD_PLLM2
R25
POWER
1.8-V Master-HS clock generator PLL analog power
VAS_PLLM2
R26
GROUND
1.8-V Master-HS clock generator PLL analog ground
VAD_PLLS
R23
POWER
1.1-V video-2X clock generator PLL analog power
VAS_PLLS
R24
GROUND
1.1-V video-2X clock generator PLL analog ground
L-VDQPAD_[7:0], R-
VDQPAD_[7:0]
B18, D18, B17, E17, A18, C18,
A17, D17, AE17, AC17, AF17,
AC18, AB16, AD17, AB17,
AD18
RESERVED
These should be tied directly to ground for normal operation.
CFO_VDD33
AE26
RESERVED
This should be tied directly to 3.3 I/O power (VDD33) for normal operation.
VTEST1, VTEST2, VTEST3,
VTEST4
AB14, AB15, E15, E16
RESERVED
These should be tied directly to ground for normal operation.
LVDS_AVS1, LVDS_AVS2
V5, K5
POWER
These should be tied directly to ground for normal operation.
VPGM
AC6
POWER
This should be tied directly to ground for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com