Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 27Page - Texas Instruments DLPC6421 Datasheet HTML 28Page - Texas Instruments DLPC6421 Datasheet HTML 29Page - Texas Instruments DLPC6421 Datasheet HTML 30Page - Texas Instruments DLPC6421 Datasheet HTML 31Page - Texas Instruments DLPC6421 Datasheet HTML 32Page - Texas Instruments DLPC6421 Datasheet HTML 33Page - Texas Instruments DLPC6421 Datasheet HTML 34Page - Texas Instruments DLPC6421 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
JTAG
HBT
SPI
I2C
23
16
DATA
ADDR
23
16
DATA
ADDR
2xLVDS East
(960x1080 @240Hz)
2xLVDS West
(960x1080 @240Hz)
CLK and CTRL
FE CTRL
Test GPIO
3
GPIO Lines
DATA
60 bit
DATA
60 bit
(960+32)x1080@240Hz
Field, H/V-Sync,
DE, CLK
Vx1
ASIC TPs
3
Config. Lines
Actuator
Driver
Test GPIO
3
ASIC TPs
3
Ref Clk
OSC
OSC
DLP Chipset Components
3
rd Party Components
CLK and CTRL
(960+32)x1080@240Hz
3
VBIAS, VRST, VOFS
L3
1.1V
Reg
L1
L2
Current
Sense
1.8V
VSPI
L4
1.8V
Reg
DLPA3000
L5
DC
Reg
3.3V@.2A for DLPC6421s
2.5V (to front-end chip)
LDO#1
LDO#2
Fan or a programmable
DC supply
1.8V@3A for DMD and DLPC6421s
1.1V@3A for DLPC6421s
VIN
SPI Bus (Ctrl) 4
POSENSE
PWRGOOD
LED_SEL
2
PROJ_ON
SYSPWR (12-20V)
POSENSE
1.1V
1.8V
1.8V
3.3V
INTZ
RESETZ
PWRGOOD
VLED
FPGA
Voltages
Regulators
1.1V/1.1V_FIL
1.15V/1.15V_FIL
1.5V/1.5V_FIL
2.5V/2.5V_FIL
3.3V
DDR_VTT
DDR_VREF
SYSPWR (12-20V)
3D L/R
1.1V
1.8V
3.3V
DDR3
DATA
ADDR
x2
DDR3
DATA
ADDR
x2
Bank 1
Bank 2
JTAG
Flash
SPI
FPGA
XC7A200T-
2FBG676C4525
Output:
1080P @240Hz
DLPC6421
Master
DLPC6421
Slave
.47 Pico 4K
DMD
4-Position
Actuator
Front End IC
Vx1:
3840x2160 @ 60Hz
.47 4K UHD DMD
I2C
EEPROM
Flash
Flash
31
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
Figure 11. Typical 4K UHD DLPA3000 Display Application
8.2.1 Design Requirements
The display controller is the digital interface between the DMD and the rest of the system. The display controller
takes digital input from front end digital receivers and drives the DMD over a high speed interface. The display
controller also generates the necessary signals (data, protocols, timings) required to display images on the DMD.
Some systems require a dual controller to format the incoming data before sending it to the DMD. Reliable
operation of the DMD is only insured when the DMD and the controller are used together in a system. In addition
to the DLP devices in the chipset, other devices may be needed. Typically a Flash part is needed to store the
software and firmware.
8.2.1.1 Recommended MOSC Crystal Oscillator Configuration
Table 7. Crystal Port Characteristics
PARAMETER
NOMINAL
UNIT
MOSC TO GROUND Capacitance
1.5
pF
MOSCZ TO GROUND Capacitance
1.5
pF
Table 8. Recommended Crystal Configuration
PARAMETER
RECOMMENDED
UNIT
Crystal circuit configuration
Parallel resonant
Crystal type
Fundamental (1st Harmonic)
Crystal nominal frequency
20
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com