Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 23Page - Texas Instruments DLPC6421 Datasheet HTML 24Page - Texas Instruments DLPC6421 Datasheet HTML 25Page - Texas Instruments DLPC6421 Datasheet HTML 26Page - Texas Instruments DLPC6421 Datasheet HTML 27Page - Texas Instruments DLPC6421 Datasheet HTML 28Page - Texas Instruments DLPC6421 Datasheet HTML 29Page - Texas Instruments DLPC6421 Datasheet HTML 30Page - Texas Instruments DLPC6421 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
27
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
7.2.3 GPIO Interface
The DLPC6421 controller provides 83 software-programmable, general-purpose I/O pins. Each GPIO pin is
individually configurable as either input or output. In addition, each GPIO output can be either configured as
push-pull or open-drain. Some GPIO have one or more alternate-use modes, which are also software
configurable. The reset default for all GPIO is as an input signal. However, any alternate function connected to
these GPIO pins, with the exception of general purpose clocks and PWM generation, will be reset. When
configured as open-drain, the outputs must be externally pulled-up (to the 3.3-V supply). External pull-up or pull-
down resistors may be required to ensure stable operation before software is able to configure these ports.
7.2.4 Source Input Blanking
Vertical and horizontal blanking requirements for both input ports are defined as follows (See Video Timing
Parameter Definitions).
•
Minimum port 1 and port 2 vertical blanking
–
Vertical back porch (VBP): 370 µs
–
Vertical front porch (VFP): 1 line
–
Total vertical blanking (TVB): 370 µs + 2 lines
•
Minimum port1, port 2 horizontal blanking
–
Horizontal back porch (HBP): 10 pixels
–
Horizontal front porch (HFP): 0 pixels
–
Total horizontal blanking (THB): 80 pixels
7.2.5 Video Graphics Processing Delay
The DLPC6421 controller introduces a variable number of frame delays dependent on the source type and
selected processing steps performed on the source. For optimum audio/ video synchronization this delay must
be matched in the audio path. The following tables define various video delay scenarios to aid in audio matching.
Frame in table refer to source frames.
•
For 2-D sources, “N” is defined to be the ratio of the primary channel source frame rate to the display frame
rate.
•
For 3-D sources, “M” is defined to be the ratio of the primary channel source frame rate required to obtain
both the left and right image, to the display frame rate (the rate at which each eye is displayed).
Table 3. Primary Channel/Video-Graphics Processing Delay
Source
Frame Rate Conversion
FRC Type
Formatter Buffer
Total Delay
48 Hz Graphics
1 Frame
Sync (1:1)
N Frames
1 + N Frames
50 Hz Graphics
1 Frame
Sync (1:1)
N Frames
1 + N Frames
60 Hz Graphics
1 Frame
Sync (1:1)
N Frames
1 + N Frames
100 & 120 Hz Graphics
1 Frame
Sync (1:1)
N Frames
1 + N Frames
100 & 120 Hz Graphics
(3D)
1 Frame
Sync (1:2)
M Frames
1 + M Frames
240 Hz Graphics
1 Frame
Sync (1:1)
N Frames
1 + N Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com