Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 10Page - Texas Instruments DLPC6421 Datasheet HTML 11Page - Texas Instruments DLPC6421 Datasheet HTML 12Page - Texas Instruments DLPC6421 Datasheet HTML 13Page - Texas Instruments DLPC6421 Datasheet HTML 14Page - Texas Instruments DLPC6421 Datasheet HTML 15Page - Texas Instruments DLPC6421 Datasheet HTML 16Page - Texas Instruments DLPC6421 Datasheet HTML 17Page - Texas Instruments DLPC6421 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
DLPC6421
DLPS117 – JULY 2018
www.ti.com
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GROUND.
(3)
Applies to external input and bidirectional buffers.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
Parameter
MIN
MAX
UNIT
ELECTRICAL
Supply Voltage(2)
VDD11 (Core)
–0.30
1.60
V
VDD18 (LVDS I/O and Internal DRAM)
–0.30
2.50
VDD33 (I/O)
–0.30
3.90
VDD_PLLD (1.1-V DMD clock generator - Digital)
–0.30
1.60
VDD_PLLM1 (1.1-V Master - LS clock generator - Digital)
–0.30
1.60
VDD_PLLM2 (1.1-V Master - HS clock generator - Digital)
–0.30
1.60
VDD_PLLD (1.8-V DMD clock generator - Analog)
–0.30
2.50
VDD_PLLM1 (1.8-V Master - LS clock generator - Analog)
–0.30
2.50
VDD_PLLM2 (1.8-V Master - HS clock generator - Analog)
–0.30
2.50
VDD_PLLS (1.1-V Video 2X - Analog)
–0.50
1.40
VI Input Voltage
(3)
USB
–1.0
5.25
V
OSC
–0.3
VDD33 + 0.3
3.3 LVTTL
–0.3
3.6
3.3 I2C
–0.5
3.8
VO Output Voltage
USB
–1.0
5.25
V
OSC
–0.3
2.2
3.3 LVTTL
–0.3
3.6
3.3 I2C
–0.5
3.8
ENVIRONMENTAL
TJ Operating junction temperature
0
111
°C
Tstg Storage temperature range
–40
125
°C
(1)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process.
(2)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
6.2 ESD Ratings
Parameter
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins (1)
± 2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins (2)
+500/–300
Machine Model (MM)
± 200
(1)
The number inside each parenthesis for the I/O refers to the type defined in the I/O type subscript definition section.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
Parameter
I/O(1)
MIN
NOM
MAX
UNIT
ELECTRICAL
VDD33
3.3-V Supply voltage, I/O
3.135
3.3
3.465
V
VDD18
1.8-V Supply voltage, LVDS & DRAM
1.71
1.8
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com