Electronic Components Datasheet Search
  English  ▼

X  

DLPC6421 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 31Page - Texas Instruments DLPC6421 Datasheet HTML 32Page - Texas Instruments DLPC6421 Datasheet HTML 33Page - Texas Instruments DLPC6421 Datasheet HTML 34Page - Texas Instruments DLPC6421 Datasheet HTML 35Page - Texas Instruments DLPC6421 Datasheet HTML 36Page - Texas Instruments DLPC6421 Datasheet HTML 37Page - Texas Instruments DLPC6421 Datasheet HTML 38Page - Texas Instruments DLPC6421 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
35
DLPC6421
www.ti.com
DLPS117 – JULY 2018
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
TI recommends 2-ounce copper planes in the PCB design to achieve needed thermal connectivity.
10.1.1 PCB Layout Guidelines for Internal DLPC6421 Power
TI recommends the following guidelines to achieve desired DLPC6421 performance relative to internal PLLs:
•
The DLPC6421 device contains four PLLs (PLLM1, PLLM2, PLLD & PLLS), each of which have a dedicated
1.1-V digital supply, and three (PLLM1, PLLM2 & PLLD) which have a dedicated 1.8-V analog supply. It is
important to have filtering on the supply pins that covers a broad frequency range. Each 1.1-V PLL supply pin
should have individual high frequency filtering in the form of a ferrite bead and a 0.1 µF ceramic capacitor.
These components should be located very close to the individual PLL supply balls. The impedance of the
ferrite bead should be much greater than that of the capacitor at frequencies above 10 MHz. The 1.1-V to the
PLL supply pins should also have low frequency filtering in the form of an RC filter. This filter can be common
to all the PLLs. The voltage drop across the resistor is limited by the 1.1-V regulator tolerance and the
DLPC6421 device voltage tolerance. A resistance of 0.36 Ω and a 100 µF ceramic are recommended.
•
The analog 1.8-V PLL power pins should have a similar filter topology as the 1.1-V. In addition, TI
recommends that the 1.8-V be generated with a dedicated linear regulator.
•
When designing the overall supply filter network, care must be taken to ensure no resonance occurs.
Particular care must be taken around the 1- to 2-MHz band, as this coincides with the PLL natural loop
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com