Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 111 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 111 Page - Analog Devices

Back Button AD9548 Datasheet HTML 103Page - Analog Devices AD9548 Datasheet HTML 104Page - Analog Devices AD9548 Datasheet HTML 105Page - Analog Devices AD9548 Datasheet HTML 106Page - Analog Devices AD9548 Datasheet HTML 107Page - Analog Devices AD9548 Datasheet HTML 108Page - Analog Devices AD9548 Datasheet HTML 109Page - Analog Devices AD9548 Datasheet HTML 110Page - Analog Devices AD9548 Datasheet HTML 111Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 111 / 111 page
background image
Data Sheet
AD9548
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-220-VRRD
EXCEPT FOR MINIMUM THICKNESS AND LEAD COUNT.
1
22
66
45
23
44
88
67
0.50
0.40
0.30
0.30
0.23
0.18
10.50
REF
0.60 MAX
0.60
MAX
6.15
6.00 SQ
5.85
0.50
BSC
0.20 REF
12° MAX
SEATING
PLANE
TOP VIEW
PIN 1
INDICATOR
EXPOSED PAD
BOTTOM VIEW
*0.90
0.85
0.75
0.70
0.65
0.60
0.05 MAX
0.01 NOM
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
12.10
12.00 SQ
11.90
11.85
11.75 SQ
11.65
Figure 71. 88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
12 mm × 12 mm Body, Very Thin Quad
(CP-88-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9548BCPZ
−40°C to +85°C
88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-88-2
AD9548BCPZ-REEL7
−40°C to +85°C
88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-88-2
AD9548/PCBZ
−40°C to +85°C
Evaluation Board
CP-88-2
1
Z = RoHS Compliant Part.
©2009–2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08022-0-12/14(G)
Rev. G | Page 111 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com